전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC74-Q1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74HC74-Q1
상세설명  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC74-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  SN74HC74-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74HC74-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74HC74-Q1
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP
WITH CLEAR AND PRESET
SCLS577A − MARCH 2004 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
VOH
VI = VIH or VIL
IOH
20
µA
6 V
5.9
5.999
5.9
V
VOH
VI
VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
2 V
0.002
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
VOL
VI = VIH or VIL
IOL
20
µA
6 V
0.001
0.1
0.1
V
VOL
VI
VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
II
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
4
80
µA
Ci
2 V to 6 V
3
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
V
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
fclock
Clock frequency
4.5 V
31
21
MHz
fclock
Clock frequency
6 V
0
36
0
25
MHz
2 V
100
150
PRE or CLR low
4.5 V
20
30
t
Pulse duration
PRE or CLR low
6 V
17
25
ns
tw
Pulse duration
2 V
80
120
ns
CLK high or low
4.5 V
16
24
CLK high or low
6 V
14
20
2 V
100
150
Data
4.5 V
20
30
t
Setup time before CLK
Data
6 V
17
25
ns
tsu
Setup time before CLK
2 V
25
40
ns
PRE or CLR inactive
4.5 V
5
8
PRE or CLR inactive
6 V
4
7
2 V
0
0
th
Hold time, data after CLK
4.5 V
0
0
ns
h
,
6 V
0
0


유사한 부품 번호 - SN74HC74-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC74-Q1 TI-SN74HC74-Q1 Datasheet
214Kb / 9P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND
More results

유사한 설명 - SN74HC74-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com