전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G240DCKTG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 74LVC1G240DCKTG4
상세설명  Single Buffer/Driver With 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G240DCKTG4 데이터시트(HTML) 4 Page - Texas Instruments

  74LVC1G240DCKTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74LVC1G240
SCES305L – JANUARY 2001 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
0.1
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
A or OE inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
IOZ
VO = 0 to 5.5 V
3.6 V
10
10
μA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
10
μA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Switching Characteristics
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 1)
SN74LVC1G240
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2.1
6.9
0.9
4.6
0.7
3.7
0.5
3.4
ns
Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 2)
SN74LVC1G240
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3
8.6
1.4
5.5
1.1
4.5
1
4
ns
ten
OE
Y
3.8
10
2.1
6.5
1.4
5.4
1.1
5.2
ns
tdis
OE
Y
2.1
9.4
1
4.9
1.4
5.2
1
4.1
ns
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links :SN74LVC1G240


유사한 부품 번호 - 74LVC1G240DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G240DCKTG4 TI-74LVC1G240DCKTG4 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

유사한 설명 - 74LVC1G240DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com