전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LV4T125PWR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LV4T125PWR
상세설명  Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4T125PWR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74LV4T125PWR Datasheet HTML 7Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 8Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 9Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 10Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 11Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 12Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 13Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 14Page - Texas Instruments SN74LV4T125PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SN74LV4T125
www.ti.com
SCLS749B – FEBRUARY 2014 – REVISED SEPTEMBER 2014
9.3 Feature Description
This part is a single supply buffer that is capable up or down translation. The output will equal VCC while the input
can vary from 1.2 V to 5.5 V.
Up Translation Mode:
1.2 V to 1.8 V at 1.8-V VCC
1.5 V to 2.5 V at 2.5-V VCC
1.8 V to 3.3 V at 3.3-V VCC
3.3 V to 5.0 V at 5.0-V VCC
Down Translation Mode:
3.3 V to 1.8 V at 1.8-V VCC
3.3 V to 2.5 V at 2.5-V VCC
5.0 V to 3.3 V at 3.3-V VCC
9.4 Device Functional Modes
This device performs the function of a buffer where input logic level equals the output logic level, while providing
buffering and drive to the output. The SN74LV4T125 device will also translate voltages up or down while
performing this function.
Table 1. Function Table
(Each Buffer)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Table 2. Supply VCC = 3.3 V
INPUT b
OUTPUT
(Lower Level Input)
(VCC CMOS)
A
B
Y
VIH(min) = 1.35 V
VOH(min) = 2.9 V
VIL(max) = 0.8 V
VOL(max) = 0.2 V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LV4T125


유사한 부품 번호 - SN74LV4T125PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LV4T125PWREP TI1-SN74LV4T125PWREP Datasheet
1Mb / 23P
[Old version datasheet]   SN74LV4T125-EP Single Power Supply Quadruple Buffer Translator GATE With 3- State Output CMOS Logic Level Shifter
JANUARY 2024
More results

유사한 설명 - SN74LV4T125PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54SC4T125-SEP TI-SN54SC4T125-SEP Datasheet
918Kb / 18P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN54SC4T125-SEP TI1-SN54SC4T125-SEP_V01 Datasheet
1,011Kb / 23P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_15 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_15 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com