전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73E5R47G 데이터시트(PDF) 1 Page - CTS Corporation

부품명 73E5R47G
상세설명  Current Sensing Resistors ??Thick Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

73E5R47G 데이터시트(HTML) 1 Page - CTS Corporation

  73E5R47G Datasheet HTML 1Page - CTS Corporation 73E5R47G Datasheet HTML 2Page - CTS Corporation 73E5R47G Datasheet HTML 3Page - CTS Corporation 73E5R47G Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0337-0
Page 1 - 4
Rev. A
www.ctscorp.com
Series 73Lx & 73Ex
Current Sensing Resistors – Thick Film
FEATURES
• Very Low Resistance
• Suitable for Current Limiting, Current Detection, Motor Control,
Power Supply and Hard Disk Drives
• High Precision and Excellent Accuracy for Current Detection
• Good Electrical Characteristics
• Surface Mount Package
• Nickel Barrier Solder-Coated Pads [e3]
• Reflow capable per JEDEC J-STD-020, 260°C maximum
• Tape and Reel Packaging
RoHS Compliant in Accordance with EU Directive 2005/95/EC
- Lead-Free Termination Finish
- Exemption 5 for Pb in glass material and resistor elements
ORDERING INFORMATION
Notes:
1. No dashes or spaces to appear in part number.
2. Example Part Numbers:
73L4R10J [1206 pkg., 0.10 Ohms, ±5%]
73L3R51F [0805 pkg., 0.51 Ohms, ±1%]
73E6R056J [2010 pkg., 0.056 Ohms, ±5%]
73E4R068F [1206 pkg., 0.068 Ohms, ±1%
Ex.
R47 = 0.47 Ohms
R020 = 0.020 Ohms
TOLERANCE
R
"R" indicates decimal point.
RESISTOR CODE
73
L = 3-Digit Resistor Code
E = 4-Digit Resistor Code
J = ±5%
G = ±2%
F = ±1%
TYPE
PACKAGE CODE
0 = 0201
1 = 0402
2 = 0603
3 = 0805
4 = 1206
5 = 1210
6 = 2010
7 = 2512
3 or 4-Digit Resistor Codes
Type L = 3-Digit Code
Type E = 4-Digit Code
Contact your local CTS Representative or CTS Customer Service for availability.
Not all performance combinations and resistor values may be available.


유사한 부품 번호 - 73E5R47G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
73E4 CTS-73E4 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
73E6 CTS-73E6 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
NIHON DEMPA KOGYO
73EE15AA NDK-73EE15AA Datasheet
461Kb / 1P
   4 Pole MCF
73EE15AA NDK-73EE15AA Datasheet
452Kb / 1P
   4 Pole SMD MCF
More results

유사한 설명 - 73E5R47G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Vishay Siliconix
SA VISHAY-SA_15 Datasheet
82Kb / 3P
   Current Sensing Wirebondable Thin Film Chip Resistors
Revision: 13-Mar-15
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com