전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC4D20NP-332KC 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CDC4D20NP-332KC
상세설명  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC4D20NP-332KC 데이터시트(HTML) 3 Page - Sumida Corporation

  CDC4D20NP-332KC Datasheet HTML 1Page - Sumida Corporation CDC4D20NP-332KC Datasheet HTML 2Page - Sumida Corporation CDC4D20NP-332KC Datasheet HTML 3Page - Sumida Corporation CDC4D20NP-332KC Datasheet HTML 4Page - Sumida Corporation CDC4D20NP-332KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDC4D20
0
150
300
450
600
750
900
0.00
0.03
0.06
0.09
0.12
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.00 0.03 0.06 0.09 0.12 0.15
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.00 0.03 0.06 0.09 0.12 0.15
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.00
0.04
0.08
0.12
0.16
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.00
0.04
0.08
0.12
0.16
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.00 0.04 0.08 0.12 0.16 0.20
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.00 0.04 0.08 0.12 0.16 0.20
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.00
0.06
0.12
0.18
0.24
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.00 0.05 0.10 0.15 0.20 0.25
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.00 0.05 0.10 0.15 0.20 0.25 0.30
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.00 0.05 0.10 0.15 0.20 0.25 0.30
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.00
0.08
0.16
0.24
0.32
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDC4D20NP-101KC
△T (℃)
L (
μH)
DC (A)
2. CDC4D20NP-121KC
△T (℃)
L (
μH)
3. CDC4D20NP-151KC
△T (℃)
L (
μH)
DC (A)
L (
μH)
DC (A)
5. CDC4D20NP-221KC
△T (℃)
L (
μH)
6. CDC4D20NP-271KC
△T (℃)
L (
μH)
DC (A)
7. CDC4D20NP-331KC
△T (℃)
L (
μH)
8. CDC4D20NP-391KC
△T (℃)
L (
μH)
DC (A)
9. CDC4D20NP-471KC
△T (℃)
L (
μH)
DC (A)
4. CDC4D20NP-181KC
△T (℃)
DC (A)
DC (A)
DC (A)
10. CDC4D20NP-561KC
△T (℃)
L (
μH)
DC (A)
11. CDC4D20NP-681KC
△T (℃)
L (
μH)
DC (A)
12. CDC4D20NP-821KC
△T (℃)
L (
μH)
DC (A)
L (20
℃)
△T


유사한 부품 번호 - CDC4D20NP-332KC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDC4D20 SUMIDA-CDC4D20 Datasheet
103Kb / 2P
   POWER INDUCTORS
More results

유사한 설명 - CDC4D20NP-332KC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com