전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD73NP-221KC 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CD73NP-221KC
상세설명  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD73NP-221KC 데이터시트(HTML) 3 Page - Sumida Corporation

  CD73NP-221KC Datasheet HTML 1Page - Sumida Corporation CD73NP-221KC Datasheet HTML 2Page - Sumida Corporation CD73NP-221KC Datasheet HTML 3Page - Sumida Corporation CD73NP-221KC Datasheet HTML 4Page - Sumida Corporation CD73NP-221KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD73
0
20
40
60
80
100
120
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0
0.5
1.0 1.5
2.0
2.5
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0
0.5 1.0
1.5 2.0
2.5
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.5
1.0 1.5
2.0 2.5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
1. CD73NP-100MC
△T (℃)
L (
μH)
2. CD73NP-120MC
△T (℃)
L (
μH)
3. CD73NP-150MC
L (
μH)
DC (A)
5. CD73NP-220MC
△T (℃)
L (
μH)
6. CD73NP-270MC
DC (A)
4. CD73NP-180MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
7. CD73NP-330MC
△T (℃)
L (
μH)
8. CD73NP-390MC
△T (℃)
L (
μH)
DC (A)
9. CD73NP-470MC
DC (A)
DC (A)
10. CD73NP-560KC
△T (℃)
L (
μH)
DC (A)
11. CD73NP-680KC
△T (℃)
L (
μH)
DC (A)
△T (℃)
L (
μH)
L (25
℃)
△T
L (105
℃)
12. CD73NP-820KC
△T (℃)
L (
μH)
DC (A)


유사한 부품 번호 - CD73NP-221KC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CD73NP-221KC SUMIDA-CD73NP-221KC Datasheet
170Kb / 4P
   CD73
More results

유사한 설명 - CD73NP-221KC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com