전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54NP-100MC 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 CD54NP-100MC
상세설명  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD54NP-100MC 데이터시트(HTML) 2 Page - Sumida Corporation

  CD54NP-100MC Datasheet HTML 1Page - Sumida Corporation CD54NP-100MC Datasheet HTML 2Page - Sumida Corporation CD54NP-100MC Datasheet HTML 3Page - Sumida Corporation CD54NP-100MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD54
Electrical Characteristics
※1: Inductance measuring frequency: 10μH ~ 82μH , at 2.52MHz.
100
μH ~220μH , at 1 kHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.35
1.57
220
±10%
221
CD54NP-221KC
0.38
1.38
180
±10%
181
CD54NP-181KC
0.40
1.10
150
±10%
151
CD54NP-151KC
0.48
0.93
120
±10%
121
CD54NP-121KC
0.52
0.70
100
±10%
101
CD54NP-101KC
0.58
0.60
82
±10%
820
CD54NP-820KC
0.61
0.46
68
±10%
680
CD54NP-680KC
0.68
0.42
56
±10%
560
CD54NP-560KC
0.72
0.37
47
±15%
470
CD54NP-470LC
0.80
0.32
39
±15%
390
CD54NP-390LC
0.88
0.23
33
±15%
330
CD54NP-330LC
0.97
0.20
27
±20%
270
CD54NP-270MC
1.11
0.18
22
±20%
220
CD54NP-220MC
1.23
0.15
18
±20%
180
CD54NP-180MC
1.30
0.14
15
±20%
150
CD54NP-150MC
1.40
0.12
12
±20%
120
CD54NP-120MC
1.44
0.10
10
±20%
100
CD54NP-100MC
Rated Current
(A)
※2
D.C.R (
Ω)
[Max.] (at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name


유사한 부품 번호 - CD54NP-100MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CD54NP-100MC SUMIDA-CD54NP-100MC Datasheet
171Kb / 4P
   CD54
More results

유사한 설명 - CD54NP-100MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com