전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6492 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC6492
상세설명  LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6492 데이터시트(HTML) 2 Page - Texas Instruments

  LMC6492 Datasheet HTML 1Page - Texas Instruments LMC6492 Datasheet HTML 2Page - Texas Instruments LMC6492 Datasheet HTML 3Page - Texas Instruments LMC6492 Datasheet HTML 4Page - Texas Instruments LMC6492 Datasheet HTML 5Page - Texas Instruments LMC6492 Datasheet HTML 6Page - Texas Instruments LMC6492 Datasheet HTML 7Page - Texas Instruments LMC6492 Datasheet HTML 8Page - Texas Instruments LMC6492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LMC6492, LMC6494
SNOS724D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
2000V
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Supply Voltage (V+
− V)
16V
Current at Input Pin
±5 mA
Current at Output Pin(4)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temp. (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature at 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Conditions
(1)
Supply Voltage
2.5V
≤ V+ ≤ 15.5V
Junction Temperature Range
LMC6492AE, LMC6492BE
−40°C ≤ TJ ≤ +125°C
LMC6494AE, LMC6494BE
−40°C ≤ TJ ≤ +125°C
Thermal Resistance (
θJA)
P Package, 8-Pin PDIP
108°C/W
D Package, 8-Pin SOIC
171°C/W
P Package, 14-Pin PDIP
78°C/W
D Package, 14-Pin SOIC
118°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes
LMC6492AE
LMC6492BE
Symbol
Parameter
Conditions
Typ(1)
LMC6494AE
LMC6494BE
Units
Limit(2)
Limit(2)
VOS
Input Offset Voltage
0.11
3.0
6.0
mV
3.8
6.8
max
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Bias Current
See(3)
0.15
200
200
pA max
IOS
Input Offset Current
See(3)
0.075
100
100
pA max
RIN
Input Resistance
>10
Tera
Ω
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Specified limits are dictated by tester limits and not device performance. Actual performance is reflected in the typical value.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6492 LMC6494


유사한 부품 번호 - LMC6492

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEM NSC-LMC6492AEM Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEMX NSC-LMC6492AEMX Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEN NSC-LMC6492AEN Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492BEM NSC-LMC6492BEM Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
More results

유사한 설명 - LMC6492

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com