전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6681 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LMC6681
상세설명  Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6681 데이터시트(HTML) 5 Page - Texas Instruments

  LMC6681 Datasheet HTML 1Page - Texas Instruments LMC6681 Datasheet HTML 2Page - Texas Instruments LMC6681 Datasheet HTML 3Page - Texas Instruments LMC6681 Datasheet HTML 4Page - Texas Instruments LMC6681 Datasheet HTML 5Page - Texas Instruments LMC6681 Datasheet HTML 6Page - Texas Instruments LMC6681 Datasheet HTML 7Page - Texas Instruments LMC6681 Datasheet HTML 8Page - Texas Instruments LMC6681 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3.0V, V− = 0V, V
CM = VO = V
+/2, V
PD = 0.6V and RL >
1M
Ω. Boldface limits apply at the temperature extremes (Note 16).
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6681AI
LMC6681BI
Units
LMC6682AI
LMC6682BI
LMC6684AI
LMC6684BI
Limit
Limit
(Note 6)
(Note 6)
I
SC
Output Short
Sourcing, V
O = 0V
20
9.0
9.0
mA
Circuit Current
6.7
6.7
min
Sinking, V
O = 3V
12
6.0
6.0
mA
4.5
4.5
min
I
SON
Supply Current
Single, LMC6681
0.7
1.13
1.13
mA
when Powered ON
V
CM = 1.5V
1.36
1.36
max
Dual, LMC6682
1.4
2.26
2.26
mA
V
CM = 1.5V
2.75
2.75
max
Quad, LMC6684
2.8
4.52
4.52
mA
V
CM = 1.5V
5.42
5.42
max
I
S OFF
Supply Current
Single, LMC6681
0.5
1.5
1.5
µA
when Powered OFF
V
PD = 2.3V
2.1
2.1
max
Dual, LMC6682
0.5
1.5
1.5
µA
V
PD = 2.3V
2.1
2.1
max
Quad, LMC6684
1.0
3.0.
3.0
µA
V
PD = 2.3V
4.2
4.2
max
www.national.com
4


유사한 부품 번호 - LMC6681

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6681AIM NSC-LMC6681AIM Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6681AIMX NSC-LMC6681AIMX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6681AIN NSC-LMC6681AIN Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6681B1MX NSC-LMC6681B1MX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results

유사한 설명 - LMC6681

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
APX393 DIODES-APX393 Datasheet
156Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6222 LINER-LT6222_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com