전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC7111 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC7111
상세설명  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7111 데이터시트(HTML) 2 Page - Texas Instruments

  LMC7111 Datasheet HTML 1Page - Texas Instruments LMC7111 Datasheet HTML 2Page - Texas Instruments LMC7111 Datasheet HTML 3Page - Texas Instruments LMC7111 Datasheet HTML 4Page - Texas Instruments LMC7111 Datasheet HTML 5Page - Texas Instruments LMC7111 Datasheet HTML 6Page - Texas Instruments LMC7111 Datasheet HTML 7Page - Texas Instruments LMC7111 Datasheet HTML 8Page - Texas Instruments LMC7111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMC7111
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
SOT-23 Package
2000V
PDIP Package
1500V
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Supply Voltage (V+
− V)
11V
Current at Input Pin
±5 mA
Current at Output Pin (4)
±30 mA
Current at Power Supply Pin
30 mA
Lead Temp. (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature at 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.5V
≤ V+ ≤ 11V
Junction Temperature Range
LMC7111AI, LMC7111BI
−40°C ≤ TJ ≤ +85°C
Thermal Resistance (
θJA)
8-Pin PDIP
115°C/W
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not specified. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
V+ = 2.7V
0.9
3
7
mV
5
9
max
TCVOS
Input Offset Voltage
2.0
μV/°C
Average Drift
IB
Input Bias Current
See (3)
0.1
1
1
pA
20
20
max
IOS
Input Offset Current
See (3)
0.01
0.5
0.5
pA
10
10
max
RIN
Input Resistance
>10
Tera
Ω
+PSRR
Positive Power Supply
2.7V
≤ V+ ≤5.0V,
60
55
55
dB
Rejection Ratio
V= 0V, VO = 2.5V
50
50
min
−PSRR
Negative Power Supply
−2.7V ≤ V≤−5.0V,
60
55
55
dB
Rejection Ratio
V= 0V, VO = 2.5V
50
50
min
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Bias Current specified by design and processing.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7111


유사한 부품 번호 - LMC7111

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
Texas Instruments
LMC7111 TI-LMC7111 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LMC7111 TI-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111AIN NSC-LMC7111AIN Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
Texas Instruments
LMC7111AIN TI-LMC7111AIN Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
More results

유사한 설명 - LMC7111

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com