전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6464AIM 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LMC6464AIM
상세설명  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6464AIM 데이터시트(HTML) 4 Page - Texas Instruments

  LMC6464AIM Datasheet HTML 1Page - Texas Instruments LMC6464AIM Datasheet HTML 2Page - Texas Instruments LMC6464AIM Datasheet HTML 3Page - Texas Instruments LMC6464AIM Datasheet HTML 4Page - Texas Instruments LMC6464AIM Datasheet HTML 5Page - Texas Instruments LMC6464AIM Datasheet HTML 6Page - Texas Instruments LMC6464AIM Datasheet HTML 7Page - Texas Instruments LMC6464AIM Datasheet HTML 8Page - Texas Instruments LMC6464AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMC6462, LMC6464
SNOS725D – MAY 1999 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
Typ(1)
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
LMC6464AI
LMC6464BI
LMC6464AM
Units
Limit(2)
Limit(2)
Limit(2)
ISC
Output Short Circuit
Sourcing, VO = 0V
27
19
19
19
mA
Current
min
15
15
15
V+ = 5V
Sinking, VO = 5V
27
22
22
22
mA
min
17
17
17
ISC
Output Short Circuit
Sourcing, VO = 0V
38
24
24
24
mA
Current
min
17
17
17
V+ = 15V
Sinking, VO = 12V
(5)
75
55
55
55
mA
min
45
45
45
IS
Supply Current
Dual, LMC6462
40
55
55
55
μA
V+ = +5V, VO = V
+/2
max
70
70
75
Quad, LMC6464
80
110
110
110
μA
V+ = +5V, VO = V
+/2
max
140
140
150
Dual, LMC6462
50
60
60
60
μA
V+ = +15V, VO = V
+/2
max
70
70
75
Quad, LMC6464
90
120
120
120
μA
V+ = +15V, VO = V
+/2
max
140
140
150
(5)
Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
5V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
Typ(1)
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
LMC6464AI
LMC6464BI
LMC6464AM
Units
Limit(2)
Limit(2)
Limit(2)
SR
Slew Rate
See(3)
15
15
15
V/ms
28
min
8
8
8
GBW
Gain-Bandwidth Product
V+ = 15V
50
kHz
φm
Phase Margin
50
Deg
Gm
Gain Margin
15
dB
Amp-to-Amp Isolation
See(4)
130
dB
en
Input-Referred
f = 1 kHz
80
nV/
√Hz
Voltage Noise
VCM = 1V
in
Input-Referred Current Noise
f = 1 kHz
0.03
pA/
√Hz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of either the positive or negative slew
rates.
(4)
Input referred, V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turn with 1 kHz to produce VO = 12 VPP.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC6462 LMC6464


유사한 부품 번호 - LMC6464AIM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6464AIM NSC-LMC6464AIM Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464AIM NSC-LMC6464AIM Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464AIMNOPB NSC-LMC6464AIMNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464AIMX NSC-LMC6464AIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464AIMX NSC-LMC6464AIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

유사한 설명 - LMC6464AIM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com