전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC6464BIM 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LMC6464BIM
상세설명  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6464BIM 데이터시트(HTML) 5 Page - Texas Instruments

  LMC6464BIM Datasheet HTML 1Page - Texas Instruments LMC6464BIM Datasheet HTML 2Page - Texas Instruments LMC6464BIM Datasheet HTML 3Page - Texas Instruments LMC6464BIM Datasheet HTML 4Page - Texas Instruments LMC6464BIM Datasheet HTML 5Page - Texas Instruments LMC6464BIM Datasheet HTML 6Page - Texas Instruments LMC6464BIM Datasheet HTML 7Page - Texas Instruments LMC6464BIM Datasheet HTML 8Page - Texas Instruments LMC6464BIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMC6462, LMC6464
www.ti.com
SNOS725D – MAY 1999 – REVISED MARCH 2013
3V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
Typ(1)
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
LMC6464AI
LMC6464BI
LMC6464AM
Units
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
2.0
3.0
2.0
mV
0.9
max
2.7
3.7
3.0
TCVOS
Input Offset Voltage
2.0
μV/°C
Average Drift
IB
Input Current
See(3)
0.15
10
10
200
pA
IOS
Input Offset Current
See(3)
0.075
5
5
100
pA
CMRR
Common Mode
0V
≤ VCM ≤ 3V
dB
74
60
60
60
Rejection Ratio
min
PSRR
Power Supply
3V
≤ V+ ≤ 15V, V= 0V
dB
80
60
60
60
Rejection Ratio
min
VCM
Input Common-Mode
For CMRR
≥ 50 dB
V
−0.10
0.0
0.0
0.0
Voltage Range
max
3.0
3.0
3.0
3.0
V
min
VO
Output Swing
RL = 25 kΩ to V
+/2
V
2.95
2.9
2.9
2.9
min
V
0.15
0.1
0.1
0.1
max
IS
Supply Current
Dual, LMC6462
40
55
55
55
μA
VO = V
+/2
70
70
70
Quad, LMC6464
80
110
110
110
μA
VO = V
+/2
max
140
140
140
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Specified limits are dictated by tester limitations and not device performance. Actual performance is reflected in the typical value.
3V AC Electrical Characteristics
Unless otherwise specified, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits apply at the temperature
extremes.
Typ(1)
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
LMC6464AI
LMC6464BI
LMC6464AM
Units
Limit(2)
Limit(2)
Limit(2)
SR
Slew Rate
See(3)
23
V/ms
GBW
Gain-Bandwidth Product
50
kHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Connected as Voltage Follower with 2V step input. Number specified is the slower of either the positive or negative slew rates.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6462 LMC6464


유사한 부품 번호 - LMC6464BIM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6464BIM NSC-LMC6464BIM Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464BIM NSC-LMC6464BIM Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464BIMNOPB NSC-LMC6464BIMNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464BIMX NSC-LMC6464BIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464BIMX NSC-LMC6464BIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

유사한 설명 - LMC6464BIM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com