전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC7530D-820M 데이터시트(PDF) 3 Page - Coilcraft lnc.

부품명 SLC7530D-820M
상세설명  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7530D-820M 데이터시트(HTML) 3 Page - Coilcraft lnc.

  SLC7530D-820M Datasheet HTML 1Page - Coilcraft lnc. SLC7530D-820M Datasheet HTML 2Page - Coilcraft lnc. SLC7530D-820M Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors - SLC7530 Series
Document 366-3 Revised 09/15/15
Document 366-3
Recommended
Land Pattern
0.295
7,50
max
0.118
3,00
max
0.067
1,70
0.264
6,70
max
Dash number
Internal code
XXXS
X
0.118
3,00
1
2
0.311
7,90
0.154
3,90
0.106
2,70
0.106
2,70
Dimensions – Single Conductor
Dimensions – Dual Conductor
1
4
2
3
Winding 1
Winding 2
1
2
Typical Temperature Rise vs Current
80
70
60
50
40
30
20
10
0
Current (Arms)
10
03040
20
50
60
SL
C7
53
0S
SL
C7
53
0D
Co
nn
ec
ted
in
pa
ral
lel
Recommended
Land Patterns
1
2
4
3
0.295
7,50
max
0.067
1,70
0.264
6,70
max
Dash
number
Internal
code
XXXD
X
Series mode
0.311
7,90
0.185
4,70
1
2
4
3
0.020
0,50
0.020
0,50
0.079
2,00
0.177
4,50
0.177
4,50
Two conductor mode
1
2
4
3
0.311
7,90
0.020
0,50
0.079
2,00
0.106
2,70
0.106
2,70
0.177
4,50
0.118
3,00
max
0.050
1,27
0.047
1,20
0.039
1,00
0.311
7,90
0.106
2,70
0.106
2,70
Parallel mode
Dimensions are in
inches
mm
Dimensions are in
inches
mm
Winding-to-winding isolation: 25 V
maximum


유사한 부품 번호 - SLC7530D-820M

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
SLC7530D-820ML COILCRAFT-SLC7530D-820ML Datasheet
243Kb / 3P
   SMT Power Inductors
SLC7530D-820MLB COILCRAFT-SLC7530D-820MLB Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-820MLC COILCRAFT-SLC7530D-820MLC Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-820MLD COILCRAFT-SLC7530D-820MLD Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-820ML_ COILCRAFT-SLC7530D-820ML_ Datasheet
429Kb / 3P
   Shielded Power Inductors
More results

유사한 설명 - SLC7530D-820M

제조업체부품명데이터시트상세설명
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com