전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901QDRG4Q1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2901QDRG4Q1
상세설명  LM2901x-Q1 Quadruple Differential Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901QDRG4Q1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2901QDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 9Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 10Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 11Page - Texas Instruments LM2901QDRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
V
SUP
V
xIN+
V
REF
+
C
L
R
PULLUP
V
LOGIC
½ LM2901x-Q1
V
xIN+
V
xIN–
C
L
R
PULLUP
½ LM2901x-Q1
V
SUP
V
LOGIC
Copyright © 2016, Texas Instruments Incorporated
8
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1
SLCS142E – DECEMBER 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2901x-Q1 family of devices is typically used to compare a single signal to a reference or two signals
against each other. Many users take advantage of the open-drain output to drive the comparison logic output to a
logic voltage level to an MCU or logic device. The wide supply range and high voltage capability makes the
LM2901x-Q1 family of devices optimal for level shifting to a higher or lower voltage.
8.2 Typical Application
Figure 4. Single-Ended and Differential Comparator Configurations
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
PARAMETER
EXAMPLE VALUE
Input voltage range
0 V to VSUP – 1.5 V
Supply voltage
2 V to 36 V
Logic supply voltage
2 V to 36 V
Output current (RPULLUP)
1 µA to 20 mA
Input overdrive voltage
100 mV
Reference voltage
2.5 V
Load capacitance (CL)
15 pF
8.2.2 Detailed Design Procedure
8.2.2.1 Input Voltage Range
When selecting the input voltage range, the input common-mode voltage range (VICR) must be considered. If
temperature operation is above or below 25°C the VICR can range from 0 V to VCC – 2 V. The VICR range limits
the input voltage range to as high as VCC – 2 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
The following lists some input voltage scenarios and the resulting outcomes:
When both IN– and IN+ are both within the common-mode range:
If IN– is higher than IN+ and the offset voltage, then the output is low and the output transistor is sinking
current.


유사한 부품 번호 - LM2901QDRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI-LM2901QDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QDRG4Q1 TI-LM2901QDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
MARCH 2023
More results

유사한 설명 - LM2901QDRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com