전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1000PWR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC1000PWR
상세설명  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000PWR 데이터시트(HTML) 4 Page - Texas Instruments

  TDC1000PWR Datasheet HTML 1Page - Texas Instruments TDC1000PWR Datasheet HTML 2Page - Texas Instruments TDC1000PWR Datasheet HTML 3Page - Texas Instruments TDC1000PWR Datasheet HTML 4Page - Texas Instruments TDC1000PWR Datasheet HTML 5Page - Texas Instruments TDC1000PWR Datasheet HTML 6Page - Texas Instruments TDC1000PWR Datasheet HTML 7Page - Texas Instruments TDC1000PWR Datasheet HTML 8Page - Texas Instruments TDC1000PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
TDC1000, TDC1000-Q1
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
TX2
27
O
Transmit output 2
TX1
28
O
Transmit output 1
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
Analog supply voltage, VDD pins
–0.3
6.0
V
VIO
I/O supply voltage (VIO must always be lower than or equal to VDD supply)
–0.3
6.0
V
VI
Voltage on any analog input pin(3)
–0.3
VDD + 0.3
V
VI
Voltage on any digital input pin(3)
–0.3
VIO + 0.3
V
II
Input current at any pin
5
mA
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
When the input voltage at a pin exceeds the power supplies, the current at that pin must not exceed 5 mA and the voltage (VI) at that
pin must not exceed 6.0 V.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC A100-002(1)
±2000
All pins
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC
Corner pins (1, 14, 15
Q100-011
±750
and 28)
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Analog supply voltage, VDD pins
2.7
5.5
V
VIO
Digital supply voltage, (VIO must always be lower than or equal to VDD supply)
1.8
VDD
V
VI
Voltage on any analog input pin
GND
VDD
V
VI
Voltage on any digital input pin
GND
VIO
V
ƒCLKIN
Operating frequency
0.06
16
MHz
TJ
Operating junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TDC1000 TDC1000-Q1


유사한 부품 번호 - TDC1000PWR

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

유사한 설명 - TDC1000PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com