전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1000QPWQ1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC1000QPWQ1
상세설명  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000QPWQ1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TDC1000QPWQ1 Datasheet HTML 4Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 5Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 6Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 7Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 8Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 9Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 10Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 11Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
t7
t8
t3
t2
t1
t4
t5
t6
D15
D0
D14
SCLK
CSB
Prior D15
t9
Prior D1
Prior D0
90%
10%
tr
90%
10%
tf
TDC1000, TDC1000-Q1
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
6.6 Timing Requirements
TA = 25°C, VDD = VIO = 3.7 V and ƒSCLK = 1 MHz (unless otherwise noted).
MIN
TYP
MAX
UNIT
ƒSCLK
Serial clock frequency
26
MHz
t1
High period, SCLK
16
ns
t2
Low period, SCLK
16
ns
t3
Set-up time, nCS to SCLK
10
ns
t4
Set-up time, SDI to SCLK
12
ns
t5
Hold time, SCLK to SDI
12
ns
t6
SCLK transition to SDO valid time
16
ns
Hold time, SCLK transition to nCS rising
t7
10
ns
edge
t8
nCS inactive
17
ns
Hold time, SCLK transition to nCS falling
t9
10
ns
edge
tr / tf
Signal rise and fall times(1)
1.8
ns
(1)
The slew rate is measured from 10% to 90% and is represented by the average of the rising and falling slew rates.
Figure 1. SPI Timing Diagram
6.7 Switching Characteristics
TA = 25°C, VDD = VIO = 3.7 V, ƒCLKIN = 8 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START, STOP, ENABLE, CHSEL, RESET, CLOCKIN, TRIGGER, ERR
TX_FREQ_DIV = 2h, NUM_TX = 1
1
μs
PWSTART Pulse width for START signal TX_FREQ_DIV = 2h, NUM_TX = 2
2
μs
TX_FREQ_DIV = 2h, NUM_TX
≥ 3
3
μs
tr / tf
Rise/fall time for START
20% to 80%, 20-pF load
0.25
ns
START
signal
tr / tf STOP Rise/fall time for STOP signal 20% to 80%, 20-pF load
0.25
ns
Maximum CLKIN input
ƒCLKIN
16
MHz
frequency
tr / tf CLKIN CLKIN input rise/fall time
(1)
20% to 80%
10
ns
TRIGGER input rise/fall
tr / tf TRIG
20% to 80%
10
ns
time(1)
tEN_TRIG
Enable to trigger wait time(1)
50
ns
TX_FREQ_DIV = 2h (see TX/RX Measurement
tRES_TRIG Reset to trigger wait time
(1)
3.05
μs
Sequencing and Timing)
(1)
Specified by design.
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TDC1000 TDC1000-Q1


유사한 부품 번호 - TDC1000QPWQ1

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

유사한 설명 - TDC1000QPWQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com