전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1000QPWQ1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC1000QPWQ1
상세설명  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000QPWQ1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TDC1000QPWQ1 Datasheet HTML 6Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 7Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 8Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 9Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 10Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 11Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 12Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 13Page - Texas Instruments TDC1000QPWQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C011
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C012
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C009
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C010
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C007
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C008
TDC1000, TDC1000-Q1
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
VDD = VIO = 3.7V
Capacitive
RL = 100kΩ
VDD = VIO = 3.7V
Gain of 21dB
RL = 100kΩ
Feedback Mode
CIN = 300 pF
Figure 8. LNA Gain vs Frequency
Figure 9. PGA Gain vs Frequency
VDD = VIO = 5V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
(See Figure 14)
Count >= 10000
TA = 25C°
(See Figure 14)
Count >= 10000
Figure 10. RX Jitter Histogram
Figure 11. RX Jitter Histogram
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
TA = -40C°
(See Figure 14)
Count >= 10000
TA = 125C°
(See Figure 14)
Count >= 10000
Figure 12. RX Jitter Histrogam
Figure 13. RX Jitter Histogram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TDC1000 TDC1000-Q1


유사한 부품 번호 - TDC1000QPWQ1

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

유사한 설명 - TDC1000QPWQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com