전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC7201ZAXR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC7201ZAXR
상세설명  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201ZAXR 데이터시트(HTML) 5 Page - Texas Instruments

  TDC7201ZAXR Datasheet HTML 1Page - Texas Instruments TDC7201ZAXR Datasheet HTML 2Page - Texas Instruments TDC7201ZAXR Datasheet HTML 3Page - Texas Instruments TDC7201ZAXR Datasheet HTML 4Page - Texas Instruments TDC7201ZAXR Datasheet HTML 5Page - Texas Instruments TDC7201ZAXR Datasheet HTML 6Page - Texas Instruments TDC7201ZAXR Datasheet HTML 7Page - Texas Instruments TDC7201ZAXR Datasheet HTML 8Page - Texas Instruments TDC7201ZAXR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TDC7201
www.ti.com
SNAS686 – MAY 2016
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
At TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
(4)
TDC7201 device in combined measurement mode where START1 and START2 are connected together:
(a) A common REFERENCE_START signal is applied to START1 and START2 at least 12 ns before occurrence of actual START and
STOP signals in Mode 1 (and at least 2 × tCLOCK before occurrence of actual Start and Stop signals in Mode 2).
(b) Start signal is connected to STOP1
(c) Stop signal is connected to STOP2
(d) Two time periods T1 (REFERENCE_START to Start) and T2 (REFERENCE_START to Stop) are measured and their difference (T2-
T1) is the time between Start to Stop
TIMING REQUIREMENTS: ENABLE INPUT
TREN
Rise time for enable signal (20% to 80%)
1 to 100
ns
TFEN
Fall time for enable signal (20% to 80%)
1 to 100
ns
TIMING REQUIREMENTS: START1, STOP1, CLOCK, START2, STOP2
TRST, TFST
Maximum rise, fall time for START, STOP signals
(20% to 80%)
1
ns
TRXCLK, TFXCLK
Maximum rise, fall time for external CLOCK
(20% to 80%)
1
ns
TIMING REQUIREMENTS: TRIGG1, TRIGG2
TTRIG1START1
Time from TRIG1 to START1
5
ns
TTRIG2START2
Time from TRIG2 to START2
5
ns
TIMING REQUIREMENTS: Measurement Mode 1 Combined Operation(4)
T1STARTSTOP_Comb_Min
Minimum time between START and STOP signal
combined
0.25
ns
TEMPERATURE
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TDC7201
UNIT
ZAX (nFBGA)
25 PINS
RθJA
Junction-to-ambient thermal resistance
155.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
109.5
°C/W
RθJB
Junction-to-board thermal resistance
114.1
°C/W
ψJT
Junction-to-top characterization parameter
20.8
°C/W
ψJB
Junction-to-board characterization parameter
110.6
°C/W


유사한 부품 번호 - TDC7201ZAXR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

유사한 설명 - TDC7201ZAXR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com