전자부품 데이터시트 검색엔진 |
|
TL4810BI 데이터시트(PDF) 6 Page - Texas Instruments |
|
TL4810BI 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 7 page TL4810B, TL4810BI VACUUM FLUORESCENT DISPLAY DRIVERS SLDS006C – DECEMBER 1984 – REVISED MAY 1993 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Valid 50% 50% CLOCK Data 50% 50% t w(CKH) t su(D) t h(D) VIH VIL VIH VIL Figure 1. Input Timing Last Pulse CLOCK 50% VIH VIL VIH VIL 50% 50% LATCH ENABLE t d(CKH-LEH) t w(LEH) t pd 90% Output Valid Figure 2. Output Switching Times THERMAL INFORMATION 25 TA – Free-Air Temperature – °C 100 100 40 35 45 55 65 75 85 95 50 60 70 80 90 VCC1 = 15 V VCC2 = 60 V IOH = – 25 mA IOL = 1 µA N = Number of Outputs High All Other Outputs Low N = 1 to 6 N = 7 N = 8 N = 9 N = 10 DW PACKAGE DUTY CYCLE vs FREE-AIR TEMPERATURE Figure 3 N = 8 N = 7 N = 6 N = 5 N = 1 to 4 90 80 70 60 50 95 85 75 65 55 45 35 40 100 100 25 N = 9 N = 10 TA – Free-Air Temperature – °C N PACKAGE DUTY CYCLE vs FREE-AIR TEMPERATURE VCC1 = 15 V VCC2 = 60 V IOH = – 25 mA IOL = 1 µA N = Number of Outputs High All Other Outputs Low Figure 4 |
유사한 부품 번호 - TL4810BI |
|
유사한 설명 - TL4810BI |