전자부품 데이터시트 검색엔진 |
|
TLC084-Q1 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
TLC084-Q1 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 38 page 4 TLC082-Q1, TLC084-Q1 SLOS510D – SEPTEMBER 2006 – REVISED AUGUST 2016 www.ti.com Product Folder Links: TLC082-Q1 TLC084-Q1 Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to GND. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VDD Supply voltage(2) –0.3 17 V VID Differential input voltage ±VDD V Continuous total power dissipation See Thermal Information TJ Operating junction temperature –40 125 °C TA Operating ambient temperature –40 125 °C TJ(max) Maximum junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per AEC Q100-002(1) ±2000 V Charged-device model (CDM), per AEC Q100-011 All pins ±500 Corner pins (1, 4, 5, and 8) ±750 6.3 Recommended Operating Conditions MIN MAX UNIT VDD Supply voltage Single supply 4.5 16 V Split supply ±2.25 ±8 VICR Common-mode input voltage GND VDD – 2 V TJ Operating junction temperature –40 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 6.4 Thermal Information THERMAL METRIC(1) TLC082-Q1 TLC084-Q1 UNIT DGN (MSOP-PowerPAD) PWP (HTSSOP) 8-PIN 20-PIN RθJA Junction-to-ambient thermal resistance 58.1 40 °C/W RθJC(top) Junction-to-case (top) thermal resistance 55.2 46.7 °C/W RθJB Junction-to-board thermal resistance 35.3 22.9 °C/W ψJT Junction-to-top characterization parameter 2.1 1 °C/W ψJB Junction-to-board characterization parameter 35.9 26.7 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 6.9 2.6 °C/W |
유사한 부품 번호 - TLC084-Q1 |
|
유사한 설명 - TLC084-Q1 |