전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20502SILT 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM20502SILT
상세설명  2A SIMPLE SWITCHER Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM20502SILT 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM20502SILT Datasheet HTML 2Page - Texas Instruments LM20502SILT Datasheet HTML 3Page - Texas Instruments LM20502SILT Datasheet HTML 4Page - Texas Instruments LM20502SILT Datasheet HTML 5Page - Texas Instruments LM20502SILT Datasheet HTML 6Page - Texas Instruments LM20502SILT Datasheet HTML 7Page - Texas Instruments LM20502SILT Datasheet HTML 8Page - Texas Instruments LM20502SILT Datasheet HTML 9Page - Texas Instruments LM20502SILT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LMZ20502
SNVS852C – JUNE 2012 – REVISED APRIL 2015
www.ti.com
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of –40°C to 125°C, unless otherwise noted.
Minimum and maximum limits are verified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 3.6 V
PARAMETER
TEST CONDITIONS
MIN (1)
TYP
MAX(1)
UNIT
VFB
Feedback voltage
VIN = 3.6 V
0.594
0.6
0.606
V
IQ_AUTO
Operating quiescent current in
AUTO mode, VFB = 0.8V
72
90
µA
AUTO mode
IQ_PWM
Operating quiescent current in
PWM mode, VFB = 0.8V
490
620
µA
forced PWM mode
IQ_off
Shutdown quiescent current(2)
VIN = 3.6 V, VEN = 0.0 V
0.7
1.5
µA
VIN = 5.5 V, VEN = 0.0 V
1.0
2.4
VUVLO
Input supply under-voltage
Rising
2.5
V
lock-out thresholds
Falling
2.3
VEN
High Level Input Voltage
VIH
1.4
V
Low Level Input Voltage
VIL
0.4
VMODE
High Level Input Voltage
VIH
1.2
V
Low Level Input Voltage
VIL
0.4
I LIM
Peak switch current limit(3)
2.1
2.7
A
Fosc
Internal oscillator frequency
2.5
3.0
3.2
MHz
TON
Minimum switch on-time(4)
50
ns
Tss
Soft start time (4)
800
µs
RPG
Power good flag pull-down
40
70
110
Rdson
VPG1
Power good flag, under-
% of feedback voltage, rising
92%
voltage trip(5)
VPG2
Power good flag, under-
% of feedback voltage, falling
88%
voltage trip(5)
VPG3
Power good flag, over-voltage
% of feedback voltage, rising
112%
trip(5)
VPG4
Power good flag, over-voltage
% of feedback voltage, falling
108%
trip(5)
TSD
Thermal shutdown(4)
Rising threshold
159
°C
Thermal shutdown
15
°C
hysteresis(4)
(1)
MIN and MAX limits are 100% production tested at 25°C. Limits over the operating temperature range are verified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Shutdown current includes leakage current of the switching transistors.
(3)
This is the peak switch current limit measured with a slow current ramp. Due to inherent delays in the current limit comparator, the peak
current limit measured at 3MHz will be larger.
(4)
This parameter is not tested in production.
(5)
See Power Good Flag Function for explanation of voltage levels.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20502


유사한 부품 번호 - LM20502SILT

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Unisonic Technologies
LM2054G-P14-R UTC-LM2054G-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054G-P14-T UTC-LM2054G-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-R UTC-LM2054L-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-T UTC-LM2054L-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM20502SILT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com