전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2551CDGKR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2551CDGKR
상세설명  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2551CDGKR 데이터시트(HTML) 4 Page - Texas Instruments

  TLC2551CDGKR Datasheet HTML 1Page - Texas Instruments TLC2551CDGKR Datasheet HTML 2Page - Texas Instruments TLC2551CDGKR Datasheet HTML 3Page - Texas Instruments TLC2551CDGKR Datasheet HTML 4Page - Texas Instruments TLC2551CDGKR Datasheet HTML 5Page - Texas Instruments TLC2551CDGKR Datasheet HTML 6Page - Texas Instruments TLC2551CDGKR Datasheet HTML 7Page - Texas Instruments TLC2551CDGKR Datasheet HTML 8Page - Texas Instruments TLC2551CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
GND/AIN(–)
ADC Code
AIN
Charge
Redistribution
DAC
Control
Logic
_
+
Figure 1. Simplified SAR Circuit
serial interface
OUTPUT DATA FORMAT
MSB
LSB
D15–D4
D3–D0
Conversion result (OD11–OD0)
Don’t care
The output data format is binary (unipolar straight binary).
binary
Zero-scale code = 000h, Vcode = GND
Full-scale code = FFFh, Vcode = VREF – 1 LSB
pseudo-differential inputs
The TLC2555 operates in pseudo-differential mode. The inverted input is available on pin 5. It can have a
maximum input ripple of
±0.2 V. This is normally used for ground noise rejection.
control and timing
start of the cycle
Each cycle may be started by either CS, FS, or a combination of both. The internal state machine requires one
SCLK high-to-low transition to determine the state of these control signals so internal blocks can be powered
up in an active cycle. Special care to SPI mode is necessary. Make sure there is at least one SCLK whenever
CS (pin 1) is high to assure proper operation.
TLC2551
D Control via CS ( FS = 1 at the falling edge of CS)—The falling edge of CS is the start of the cycle. The MSB
may be read on the first falling SCLK edge after CS is low. Output data changes on the rising edge of SCLK.
This is typically used for a microcontroller with an SPI interface, although it can also be used for a DSP. The
microcontroller SPI interface may be programmed for CPOL = 0 (serial clock referenced to ground) and
CPHA = 1 (data is valid on the falling edge of serial clock). At least one falling edge transition on SCLK is
needed whenever CS is brought high.
D Control via FS—The MSB is presented after the rising edge of FS. The falling edge of FS starts the cycle.
The MSB may be read on the first falling edge of SCLK after FS is low. This is the typical configuration when
the ADC is the only device on the DSP serial port.


유사한 부품 번호 - TLC2551CDGKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2551CDGK TI-TLC2551CDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

유사한 설명 - TLC2551CDGKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com