전자부품 데이터시트 검색엔진 |
|
TLC2274A-Q1 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
TLC2274A-Q1 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 63 page 9 TLC2272, TLC2272A, TLC2272M, TLC2272AM TLC2274, TLC2274A, TLC2274M, TLC2274AM www.ti.com SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016 Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM Submit Documentation Feedback Copyright © 1997–2016, Texas Instruments Incorporated TLC2272 and TLC2272A Electrical Characteristics VDD± = ±5 V (continued) at specified free-air temperature, VDD± = ±5 V; TA = 25°C, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain VO = ±2.3 V, RL = 10 kΩ, CL = 100 pF TA = 25°C 2.3 3.6 V/µs Full Range(1) 1.7 Vn Equivalent input noise voltage f = 10 Hz 50 nV/ √Hz f = 1 kHz 9 VNPP Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 1 Hz 1 µV f = 0.1 Hz to 10 Hz 1.4 In Equivalent input noise current 0.6 fA/ √Hz THD+N Total harmonic distortion + noise VO = ±2.3, f = 20 kHz, RL = 10 kΩ AV = 1 0.0011% AV = 10 0.004% AV = 100 0.03% Gain-bandwidth product f = 10 kHz, RL = 10 kΩ, CL = 100 pF 2.25 MHz BOM Maximum output-swing bandwidth VO(PP) = 4.6 V, AV = 1, RL = 10 kΩ, CL = 100 pF 0.54 MHz ts Settling time AV = –1, RL = 10 kΩ, Step = –2.3 V to 2.3 V, CL = 100 pF To 0.1% 1.5 µs To 0.01% 3.2 φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 52° Gain margin RL = 10 kΩ, CL = 100 pF 10 dB (1) TA = –55°C to 125°C. (2) Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. 6.7 TLC2274 and TLC2274A Electrical Characteristics VDD = 5 V at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω TLC2274 TA = 25°C 300 2500 µV TLC2274A 300 950 TLC2274 Full Range(1) 3000 TLC2274A 1500 αVIO Temperature coefficient of input offset voltage VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω 2 μV/°C Input offset voltage long-term drift(2) VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω 0.002 μV/mo IIO Input offset current VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω All level parts TA = 25°C 0.5 60 pA C level part TA = 0°C to 80°C 100 I level part TA = –40°C to 85°C 150 Q level part TA = –40°C to 125°C 800 M level part TA = –55°C to 125°C 800 IIB Input bias current VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω All level parts TA = 25°C 1 60 pA C level part TA = 0°C to 80°C 100 I level part TA = –40°C to 85°C 150 Q level part TA = –40°C to 125°C 800 M level part TA = –55°C to 125°C 800 VICR Common-mode input voltage RS = 50 Ω; |VIO | ≤ 5 mV TA = 25°C –0.3 2.5 4 V Full Range(1) 0 2.5 3.5 VOH High-level output voltage IOH = −20 μA 4.99 V IOH = −200 μA TA = 25°C 4.85 4.93 Full Range(1) 4.85 IOH = −1 mA TA = 25°C 4.25 4.65 Full Range(1) 4.25 |
유사한 부품 번호 - TLC2274A-Q1 |
|
유사한 설명 - TLC2274A-Q1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |