전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4810DY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4810DY
상세설명  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4810DY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4810DY Datasheet HTML 1Page - Vishay Siliconix SI4810DY Datasheet HTML 2Page - Vishay Siliconix SI4810DY Datasheet HTML 3Page - Vishay Siliconix SI4810DY Datasheet HTML 4Page - Vishay Siliconix SI4810DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4810DY
Vishay Siliconix
www.vishay.com
2-2
Document Number: 70802
S-31062—Rev. F, 26-May-03
MOSFET + SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 30 V, VGS = 0 V
0.007
0.100
Zero Gate Voltage Drain Current
(MOSFET + Schottky)
IDSS
VDS = 30 V, VGS = 0 V, TJ = 100_C
1.5
10
mA
(MOSFET + Schottky)
DSS
VDS = 30 V, VGS = 0 V, TJ = 125_C
6.5
20
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
Drain Source On State Resistancea
r
VGS = 10 V, ID = 10 A
0.0105
0.0135
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 5 A
0.0155
0.020
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
28
S
Schottky Diode Forward Voltagea
VSD
IS = 3.0 A, VGS = 0 V
0.485
0.53
V
Schottky Diode Forward Voltagea
VSD
IS = 3.0 A, VGS = 0 V, TJ = 125_C
0.420
0.47
V
Dynamicb
Total Gate Charge
Qg
20
30
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 5 V, ID = 10 A
8
nC
Gate-Drain Charge
Qgd
7
Gate Resistance
Rg
0.5
1.0
1.6
W
Turn-On Delay Time
td(on)
15
30
Rise Time
tr
VDD = 15 V, RL = 15 W
8
15
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
45
90
ns
Fall Time
tf
18
40
Source-Drain Reverse Recovery Time
trr
IF = 3.0 A, di/dt = 100 A/ms
36
70
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SI4810DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4810BDY VISHAY-SI4810BDY Datasheet
53Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 26-May-03
SI4810BDY-T1 VISHAY-SI4810BDY-T1 Datasheet
53Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 26-May-03
More results

유사한 설명 - SI4810DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com