전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C2450CQ48 데이터시트(PDF) 7 Page - Exar Corporation

부품명 ST16C2450CQ48
상세설명  2.97V TO 5.5V DUART
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CQ48 데이터시트(HTML) 7 Page - Exar Corporation

Back Button ST16C2450CQ48 Datasheet HTML 3Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 4Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 5Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 6Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 7Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 8Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 9Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 10Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
áç
áç
áç
áç
ST16C2450
REV. 4.0.0
2.97V TO 5.5V DUART
7
2.3
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external CPU
and an external serial communication device. A logic 0 on chip select pins, CSA# or CSB#, allows the user to
select UART channel A or B to configure, send transmit data and/or unload receive data to/from the UART.
Selecting both UARTs can be useful during power up initialization to write to the same internal registers, but do
not attempt to read from both uarts simultaneously. Individual channel select functions are shown in Table 1.
2.4
Channel A and B Internal Registers
Each UART channel in the 2450 has a standard register set for controlling, monitoring and data loading and
unloading. These registers function as data holding registers (THR/RHR), interrupt status and control registers
(ISR/IER), receive line status and control registers (LSR/LCR), modem status and control registers (MSR/
MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user accessible scratch pad register
(SPR).
2.5
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 2 summarizes the operating behavior for the transmitter and receiver. Also see Figure 12 and Figure 13.
2.6
Crystal Oscillator or External Clock Input
The 2450 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. See “Programmable Baud Rate
Generator” on page 8.
TABLE 1: CHANNEL A AND B SELECT
CSA#
CSB#
FUNCTION
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A and B selected
TABLE 2: INTA AND INTB PINS OPERATION FOR TRANSMITTER
TRANSMITTER
RECEIVER
INTA/B Pin
0 = a byte in THR
1 = THR empty
0 = no data
1 = 1 byte


유사한 부품 번호 - ST16C2450CQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C2450CQ48 EXAR-ST16C2450CQ48 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
More results

유사한 설명 - ST16C2450CQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com