전자부품 데이터시트 검색엔진 |
|
UC3705M 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
UC3705M 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 18 page UC1705 UC2705, UC3705 SLUS370D – JULY 1995 – REVISED MARCH 2012 www.ti.com TYPICAL SWITCHING CHARACTERISTICS VIN = VC = 20 V, TA = 25°C. Delays measured to 10% output change. PARAMETER TEST CONDITIONS OUTPUT CL = UNIT From Inv. Input to Output open 1 2.2 nF Rise time delay 60 60 60 ns 10% to 90% rise 20 40 60 ns Fall time delay 60 60 60 ns 90% to 10% fall 25 40 50 ns From N.I. Input to Output Rise time delay 90 90 90 ns 10% to 90% rise 20 40 60 ns Fall time delay 60 60 60 ns 90% to 10% fall 25 40 50 ns VC cross-conduction current spike duration Output rise 25 ns Output fall 0 ns 4 Submit Documentation Feedback Copyright © 1995–2012, Texas Instruments Incorporated Product Folder Link(s): UC1705 UC2705 UC3705 |
유사한 부품 번호 - UC3705M |
|
유사한 설명 - UC3705M |