전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA7810CKTTRG3 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 UA7810CKTTRG3
상세설명  Fixed Positive Voltage Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UA7810CKTTRG3 데이터시트(HTML) 3 Page - Texas Instruments

  UA7810CKTTRG3 Datasheet HTML 1Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 2Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 3Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 4Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 5Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 6Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 7Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 8Page - Texas Instruments UA7810CKTTRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
KTE (PowerFLEX ) PACKAGE
(TOP VIEW)
TM
OUTPUT
COMMON
INPUT
KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
KC (TO-220) PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
COMMON
OUTPUT
KCS OR KCT (TO-220) PACKAGE
(TOP VIEW)
INPUT
OB
SO
LET
E
OB
SO
LET
E
uA7805, uA7808, uA7810
uA7812, uA7815, uA7824
www.ti.com
SLVS056P – MAY 1976 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
COMMON
2
Ground
INPUT
1
I
Supply Input
OUTPUT
3
O
Voltage Output
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: uA7805 uA7808 uA7810 uA7812 uA7815 uA7824


유사한 부품 번호 - UA7810CKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7810CKTTRG3 TI1-UA7810CKTTRG3 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

유사한 설명 - UA7810CKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com