전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2252QDREP 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TLV2252QDREP
상세설명  Advanced LinCMOS RAIL-TO-RALIL VERY-LOW-POWER OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2252QDREP 데이터시트(HTML) 2 Page - Texas Instruments

  TLV2252QDREP Datasheet HTML 1Page - Texas Instruments TLV2252QDREP Datasheet HTML 2Page - Texas Instruments TLV2252QDREP Datasheet HTML 3Page - Texas Instruments TLV2252QDREP Datasheet HTML 4Page - Texas Instruments TLV2252QDREP Datasheet HTML 5Page - Texas Instruments TLV2252QDREP Datasheet HTML 6Page - Texas Instruments TLV2252QDREP Datasheet HTML 7Page - Texas Instruments TLV2252QDREP Datasheet HTML 8Page - Texas Instruments TLV2252QDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLV225xEP, TLV225xAEP
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SGLS217B − NOVEMBER 2003 − REVISED JUNE 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The TLV2252/2254 also make great upgrades to the TLV2322/2424 in standard designs. They offer increased
output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set allows
them to be used in a wider range of applications. For applications that require higher output drive and wider input
voltage range, see the TLV2432 and TLV2442 devices. If your design requires single amplifiers, please see the
TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Small
size and low power consumption make them ideal for high density, battery-powered equipment.
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
850 V
SOIC (D)
Tape and reel
TLV2252AQDREP
2252AE
850
µV
TSSOP (PW)
Tape and reel
TLV2252AQPWREP‡
1500 V
SOIC (D)
Tape and reel
TLV2252QDREP
2252EP
−40
°C to 125°C
1500
µV
TSSOP (PW)
Tape and reel
TLV2252QPWREP‡
−40
°C to 125°C
850 V
SOIC (D)
Tape and reel
TLV2254AQDREP
TLV2254AEP
850
µV
TSSOP (PW)
Tape and reel
TLV2254AQPWREP‡
1500 V
SOIC (D)
Tape and reel
TLV2254QDREP
TLV2254EP
1500
µV
TSSOP (PW)
Tape and reel
TLV2254QPWREP‡
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
Product preview
TLV2252, TLV2252A
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD−/GND
3IN +
3IN −
3OUT
TLV2254, TLV2254A
D PACKAGE
(TOP VIEW)
TLV2254, TLV2254A
PW PACKAGE
(TOP VIEW)
1
14
8
7
4OUT
4IN −
4IN +
VDD −/GND
3IN +
3IN −
3OUT
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT


유사한 부품 번호 - TLV2252QDREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2252QDREP TI1-TLV2252QDREP Datasheet
1,021Kb / 38P
[Old version datasheet]   Advanved LinCMOS??RAIL-TO-RAIL VERY-LOW-POWER OPERATIOPNAL AMPLIFIERS
More results

유사한 설명 - TLV2252QDREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com