전자부품 데이터시트 검색엔진 |
|
TLV2254AM 데이터시트(PDF) 4 Page - Texas Instruments |
|
TLV2254AM 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 39 page TLV225xEP, TLV225xAEP Advanced LinCMOS RAILTORAIL VERY LOW POWER OPERATIONAL AMPLIFIERS SGLS217B − NOVEMBER 2003 − REVISED JUNE 2006 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 16 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (any input, see Note 1) VDD− − 0.3 V to VDD+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current into VDD+ ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of VDD− ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current (at or below 25 °C) (see Note 3) Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to VDD −. 2. Differential voltages are at the noninverting input with respect to the inverting input. Excessive current flows when input is brought below VDD − − 0.3 V. 3. The output may be shorted to either supply. Temperature and /or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 85°C TA = 125°C PACKAGE TA ≤ 25 C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 85 C POWER RATING TA = 125 C POWER RATING D−8 725 mW 5.8 mW/ °C 377 mW 145 mW D−14 950 mW 7.6 mW/ °C 494 mW 190 mW PW−8 525 mW 4.2 mW/ °C 273 mW 105 mW PW−14 700 mW 5.6 mW/ °C 364 mW 140 mW recommended operating conditions MIN MAX UNIT Supply voltage, VDD (see Note 1) 2.7 8 V Input voltage range, VI VDD − VDD + −1.3 V Common-mode input voltage, VIC VDD − VDD + −1.3 V Operating free-air temperature, TA −40 125 °C NOTE 1: All voltage values, except differential voltages, are with respect to VDD −. |
유사한 부품 번호 - TLV2254AM |
|
유사한 설명 - TLV2254AM |