전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2302ID 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2302ID
상세설명  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302ID 데이터시트(HTML) 3 Page - Texas Instruments

  TLV2302ID Datasheet HTML 1Page - Texas Instruments TLV2302ID Datasheet HTML 2Page - Texas Instruments TLV2302ID Datasheet HTML 3Page - Texas Instruments TLV2302ID Datasheet HTML 4Page - Texas Instruments TLV2302ID Datasheet HTML 5Page - Texas Instruments TLV2302ID Datasheet HTML 6Page - Texas Instruments TLV2302ID Datasheet HTML 7Page - Texas Instruments TLV2302ID Datasheet HTML 8Page - Texas Instruments TLV2302ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Notes 1 and 2)
0 to VCC + 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, II (any input)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current range, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA:I suffix
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltage values, except differential voltages, are with respect to GND
2. Input voltage range is limited to 20 V max or VCC + 5 V, whichever is smaller.
DISSIPATION RATING TABLE
PACKAGE
ΘJC
ΘJA
TA ≤ 25°C
TA = 125°C
PACKAGE
JC
(
°C/W)
JA
(
°C/W)
A
POWER RATING
A
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.3
1022 mW
204.4 mW
DGK (8)
54.2
259.9
481 mW
96.2 mW
N (14)
32
78
1600 mW
320.5 mW
P (8)
41
104
1200 mW
240.4 mW
PW (14)
29.3
173.6
720 mW
144 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage VCC
Single supply
2.5
16
V
Supply voltage, VCC
Split supply
±1.25
±8
V
Common-mode input voltage range, VICR
Amplifier and comparator
–0.1
VCC+5
V
Operating free-air temperature, TA
–40
125
°C


유사한 부품 번호 - TLV2302ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2302ID TI-TLV2302ID Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2302IDGK TI-TLV2302IDGK Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results

유사한 설명 - TLV2302ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com