전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2304IPW 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TLV2304IPW
상세설명  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2304IPW 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TLV2304IPW Datasheet HTML 3Page - Texas Instruments TLV2304IPW Datasheet HTML 4Page - Texas Instruments TLV2304IPW Datasheet HTML 5Page - Texas Instruments TLV2304IPW Datasheet HTML 6Page - Texas Instruments TLV2304IPW Datasheet HTML 7Page - Texas Instruments TLV2304IPW Datasheet HTML 8Page - Texas Instruments TLV2304IPW Datasheet HTML 9Page - Texas Instruments TLV2304IPW Datasheet HTML 10Page - Texas Instruments TLV2304IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
IIB
Input bias current
vs Free-air temperature
3, 5, 7
IIB
Input bias current
vs Common-mode input voltage
4, 6
IIO
Input offset current
vs Free-air temperature
3, 5, 7
IIO
Inputoffset current
vs Common-mode input voltage
4, 6
ICC
Supply current
vs Supply voltage
8
ICC
Supply current
vs Free-air temperature
9
Amplifier
CMRR
Common-mode rejection ratio
vs Frequency
10
VOH
High-level output voltage
vs High-level output current
11, 13
VOL
Low-level output voltage
vs Low-level output current
12, 14
VO(PP)
Output voltage, peak-to-peak
vs Frequency
15
PSRR
Power supply rejection ratio
vs Frequency
16
Voltage noise over a 10 Second Period
17
φm
Phase margin
vs Capacitive load
18
AVD
Differential voltage gain
vs Frequency
19
Phase
vs Frequency
19
Gain bandwidth product
vs Supply voltage
20
SR
Slew rate
vs Free-air temperature
21
Large signal follower pulse response
22
Small signal follower pulse response
23
Large signal inverting pulse response
24
Small signal inverting pulse response
25
Comparator
VOL
Low-level output voltage
vs Low-level output current
26, 27
Open collector leakage current
vs Free-air temperature
28
Output fall time
vs Supply voltage
29
Low-to-high level output response for various input overdrives
30, 31
High-to-low level output response for various input overdrives
32, 33


유사한 부품 번호 - TLV2304IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2304IPW TI-TLV2304IPW Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results

유사한 설명 - TLV2304IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com