전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2332ID 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2332ID
상세설명  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2332ID 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TLV2332ID Datasheet HTML 3Page - Texas Instruments TLV2332ID Datasheet HTML 4Page - Texas Instruments TLV2332ID Datasheet HTML 5Page - Texas Instruments TLV2332ID Datasheet HTML 6Page - Texas Instruments TLV2332ID Datasheet HTML 7Page - Texas Instruments TLV2332ID Datasheet HTML 8Page - Texas Instruments TLV2332ID Datasheet HTML 9Page - Texas Instruments TLV2332ID Datasheet HTML 10Page - Texas Instruments TLV2332ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2332I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA
TLV2332I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VIC = 1 V,
RL = 100 kΩ
VI(PP) = 1 V,
CL =20 pF
25
°C
0.38
V/
µs
SR
Slew rate at unity gain
RL = 100 kΩ,
See Figure 34
CL = 20 F,
85
°C
0.29
V/
µs
Vn
Equivalent input noise voltage
f =1 kHz,
See Figure 35
RS = 20 Ω,
25
°C
32
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
34
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 100 kΩ,
L
,
See Figure 34
85
°C
32
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
300
kHz
B1
Unity-gain bandwidth
I
,
RL = 100 kΩ,
L
,
See Figure 36
85
°C
235
kHz
VI = 10 mV,
f = B1,
–40
°C
42
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 100 kΩ,
25
°C
39
°
See Figure 36
85
°C
36
°
TLV2332I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLV2332I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP) =1V
25
°C
0.43
SR
Slew rate at unity gain
VIC = 1 V,
RL = 100 kΩ,
VI(PP) = 1 V
85
°C
0.35
V/
µs
SR
Slew rate at unity gain
L
,
CL = 20 pF,
SFi
34
VI(PP) =2 5V
25
°C
0.40
V/
µs
See Figure 34
VI(PP) = 2.5 V
85
°C
0.32
Vn
Equivalent input noise voltage
f =1 kHz,
See Figure 35
RS = 20 Ω,
25
°C
32
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
55
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 100 kΩ,
L
,
See Figure 34
85
°C
45
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
525
kHz
B1
Unity-gain bandwidth
I
,
RL = 100 kΩ,
L
,
See Figure 36
85
°C
370
kHz
VI = 10 mV,
f = B1,
–40
°C
43
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 100 kΩ,
25
°C
40
°
See Figure 36
85
°C
38
°


유사한 부품 번호 - TLV2332ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2332ID TI-TLV2332ID Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IDR TI-TLV2332IDR Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLV2332ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com