전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2341ID 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2341ID
상세설명  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341ID 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TLV2341ID Datasheet HTML 7Page - Texas Instruments TLV2341ID Datasheet HTML 8Page - Texas Instruments TLV2341ID Datasheet HTML 9Page - Texas Instruments TLV2341ID Datasheet HTML 10Page - Texas Instruments TLV2341ID Datasheet HTML 11Page - Texas Instruments TLV2341ID Datasheet HTML 12Page - Texas Instruments TLV2341ID Datasheet HTML 13Page - Texas Instruments TLV2341ID Datasheet HTML 14Page - Texas Instruments TLV2341ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
Figure 2
50
40
20
10
0
30
–1
0
1
23
45
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – mV
VDD = 3 V
TA = 25°C
P Package
–5
–4 –3
–2
Figure 3
50
40
20
10
0
30
–1
0
1
60
2
345
VIO – Input Offset Voltage – mV
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
VDD = 5 V
TA = 25°C
P Package
–5
–4 –3
–2
Figure 4
–10
0
2
46
8
10
αVIO – Temperature Coefficient – µV/°C
50
40
20
10
0
30
VDD = 3 V
TA = 25°C to 85°C
P Package
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
–8
–6
–4
–2
Figure 5
αVIO – Temperature Coefficient – µV/°C
–10
02
468
10
50
40
20
10
0
30
60
DISTRIBUTION OF TLV2341
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
VDD = 5 V
TA = 25°C to 85°C
P Package
Outliers:
(1) 20.5 mV/
°C
–8
–6
–4
–2


유사한 부품 번호 - TLV2341ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2341ID TI-TLV2341ID Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLV2341ID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com