전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2371IDBVR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2371IDBVR
상세설명  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2371IDBVR 데이터시트(HTML) 3 Page - Texas Instruments

  TLV2371IDBVR Datasheet HTML 1Page - Texas Instruments TLV2371IDBVR Datasheet HTML 2Page - Texas Instruments TLV2371IDBVR Datasheet HTML 3Page - Texas Instruments TLV2371IDBVR Datasheet HTML 4Page - Texas Instruments TLV2371IDBVR Datasheet HTML 5Page - Texas Instruments TLV2371IDBVR Datasheet HTML 6Page - Texas Instruments TLV2371IDBVR Datasheet HTML 7Page - Texas Instruments TLV2371IDBVR Datasheet HTML 8Page - Texas Instruments TLV2371IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
1
2
3
4
8
7
6
5
V
DD
SHDN
IN
-
NC
NC
OUT
IN+
GND
3
2
4
6
1
OUT
GND
IN+
5
V
DD
SHDN
IN
-
3
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Typical values measured at 5 V and 25°C.
5 Device Comparison Tables
Table 1. Selection of Signal Amplifier Products(1)
DEVICE
VDD
(V)
VIO
(µV)
IQ/Ch
(µA)
IIB
(pA)
GBW
(MHz)
SR
(V/µs)
SHUTDOWN
RAIL-TO-
RAIL
SINGLES,
DUALS,
QUADS
TLV237x
2.7 to 16
500
550
1
3
2.4
Yes
I/O
S, D, Q
TLC227x
4 to 16
300
1100
1
2.2
3.6
O
D, Q
TLV27x
2.7 to 16
500
550
1
3
2.4
O
S, D, Q
TLC27x
3 to 16
1100
675
1
1.7
3.6
S, D, Q
TLV246x
2.7 to 16
150
550
1300
6.4
1.6
Yes
I/O
S, D, Q
TLV247x
2.7 to 16
250
600
2
2.8
1.5
Yes
I/O
S, D, Q
TLV244x
2.7 to 10
300
725
1
1.8
1.4
O
D, Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 2. Family Package Table(1)
DEVICE
NUMBER OF
CHANNELS
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
EVM
BOARD
PDIP
SOIC
SOT-23
TSSOP
MSOP
TLV2370
1
8
8
6
Yes
See the EVM
Selection
Guide
TLV2371
1
8
8
5
TLV2372
2
8
8
8
TLV2373
2
14
14
10
Yes
TLV2374
4
14
14
14
TLV2375
4
16
16
16
Yes
6 Pin Configuration and Functions
TLV2370 DBV Package
6-Pin SOT-23
Top View
TLV2370 D and P Packages
8-Pin SOIC and PDIP
Top View
Pin Functions: TLV2370
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC, PDIP
GND
2
4
Ground connection
IN–
4
2
I
Negative (inverting) input
IN+
3
3
I
Positive (noninverting) input
NC
1, 5
No internal connection (can be left floating)
OUT
1
6
O
Output
SHDN
5
8
I
Shutdown control (active low, can be left floating)
VDD
6
7
Positive power supply


유사한 부품 번호 - TLV2371IDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2371IDBVR TI-TLV2371IDBVR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371IDBVRG4 TI-TLV2371IDBVRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

유사한 설명 - TLV2371IDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com