전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2371IDG4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2371IDG4
상세설명  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2371IDG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TLV2371IDG4 Datasheet HTML 5Page - Texas Instruments TLV2371IDG4 Datasheet HTML 6Page - Texas Instruments TLV2371IDG4 Datasheet HTML 7Page - Texas Instruments TLV2371IDG4 Datasheet HTML 8Page - Texas Instruments TLV2371IDG4 Datasheet HTML 9Page - Texas Instruments TLV2371IDG4 Datasheet HTML 10Page - Texas Instruments TLV2371IDG4 Datasheet HTML 11Page - Texas Instruments TLV2371IDG4 Datasheet HTML 12Page - Texas Instruments TLV2371IDG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.3 Thermal Information: TLV2370
THERMAL METRIC(1)
TLV2370
UNIT
DBV (SOT-23)
D (SOIC)
P (PDIP)
6 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
228.5
138.4
49.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.1
89.5
39.4
°C/W
RθJB
Junction-to-board thermal resistance
54.6
78.6
26.4
°C/W
ψJT
Junction-to-top characterization parameter
7.7
29.9
15.4
°C/W
ψJB
Junction-to-board characterization parameter
53.8
78.1
26.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information: TLV2371
THERMAL METRIC(1)
TLV2371
UNIT
DBV (SOT-23)
D (SOIC)
P (PDIP)
5 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
228.5
138.4
49.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.1
89.5
39.4
°C/W
RθJB
Junction-to-board thermal resistance
54.6
78.6
26.4
°C/W
ψJT
Junction-to-top characterization parameter
7.7
29.9
15.4
°C/W
ψJB
Junction-to-board characterization parameter
53.8
78.1
26.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Thermal Information: TLV2372
THERMAL METRIC(1)
TLV2372
UNIT
D (SOIC)
DGK (VSSOP)
P (PDIP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
138.4
191.2
49.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89.5
61.9
39.4
°C/W
RθJB
Junction-to-board thermal resistance
78.6
111.9
26.4
°C/W
ψJT
Junction-to-top characterization parameter
29.9
5.1
15.4
°C/W
ψJB
Junction-to-board characterization parameter
78.1
110.2
26.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W


유사한 부품 번호 - TLV2371IDG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2371IDG4 TI-TLV2371IDG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

유사한 설명 - TLV2371IDG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com