전자부품 데이터시트 검색엔진 |
|
TLV2372IDGKR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TLV2372IDGKR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 58 page 1 2 3 4 8 7 6 5 V DD SHDN IN - NC NC OUT IN+ GND 3 2 4 6 1 OUT GND IN+ 5 V DD SHDN IN - 3 TLV2370, TLV2371, TLV2372 TLV2373, TLV2374, TLV2375 www.ti.com SLOS270F – MARCH 2001 – REVISED AUGUST 2016 Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated (1) Typical values measured at 5 V and 25°C. 5 Device Comparison Tables Table 1. Selection of Signal Amplifier Products(1) DEVICE VDD (V) VIO (µV) IQ/Ch (µA) IIB (pA) GBW (MHz) SR (V/µs) SHUTDOWN RAIL-TO- RAIL SINGLES, DUALS, QUADS TLV237x 2.7 to 16 500 550 1 3 2.4 Yes I/O S, D, Q TLC227x 4 to 16 300 1100 1 2.2 3.6 — O D, Q TLV27x 2.7 to 16 500 550 1 3 2.4 — O S, D, Q TLC27x 3 to 16 1100 675 1 1.7 3.6 — — S, D, Q TLV246x 2.7 to 16 150 550 1300 6.4 1.6 Yes I/O S, D, Q TLV247x 2.7 to 16 250 600 2 2.8 1.5 Yes I/O S, D, Q TLV244x 2.7 to 10 300 725 1 1.8 1.4 — O D, Q (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. Table 2. Family Package Table(1) DEVICE NUMBER OF CHANNELS PACKAGE TYPES SHUTDOWN UNIVERSAL EVM BOARD PDIP SOIC SOT-23 TSSOP MSOP TLV2370 1 8 8 6 — — Yes See the EVM Selection Guide TLV2371 1 8 8 5 — — — TLV2372 2 8 8 — — 8 — TLV2373 2 14 14 — — 10 Yes TLV2374 4 14 14 — 14 — — TLV2375 4 16 16 — 16 — Yes 6 Pin Configuration and Functions TLV2370 DBV Package 6-Pin SOT-23 Top View TLV2370 D and P Packages 8-Pin SOIC and PDIP Top View Pin Functions: TLV2370 PIN I/O DESCRIPTION NAME SOT-23 SOIC, PDIP GND 2 4 — Ground connection IN– 4 2 I Negative (inverting) input IN+ 3 3 I Positive (noninverting) input NC — 1, 5 — No internal connection (can be left floating) OUT 1 6 O Output SHDN 5 8 I Shutdown control (active low, can be left floating) VDD 6 7 — Positive power supply |
유사한 부품 번호 - TLV2372IDGKR |
|
유사한 설명 - TLV2372IDGKR |