전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2434IPW 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2434IPW
상세설명  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2434IPW 데이터시트(HTML) 5 Page - Texas Instruments

  TLV2434IPW Datasheet HTML 1Page - Texas Instruments TLV2434IPW Datasheet HTML 2Page - Texas Instruments TLV2434IPW Datasheet HTML 3Page - Texas Instruments TLV2434IPW Datasheet HTML 4Page - Texas Instruments TLV2434IPW Datasheet HTML 5Page - Texas Instruments TLV2434IPW Datasheet HTML 6Page - Texas Instruments TLV2434IPW Datasheet HTML 7Page - Texas Instruments TLV2434IPW Datasheet HTML 8Page - Texas Instruments TLV2434IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168F – NOVEMBER 1996 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLV243x
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIC =0
TLV243xC,
25
°C
300
2000
VIO
Input offset voltage
VIC = 0,
VO = 0,
,
TLV243xI
Full range
2500
µV
VIO
Input offset voltage
O
,
VDD ± = ± 1.5 V,
R50
TLV243xAI
25
°C
300
950
µV
RS = 50 Ω
TLV243xAI
Full range
1500
αVIO
Temperature coefficient of input offset voltage
25
°C
2
µV/°C
αVIO
Temperature coefficient of input offset voltage
to 70
°C
2
µV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0,
VDD ± = ± 1.5 V,
25
°C
0.003
µV/mo
IIO
Input offset current
VIC = 0,
VO = 0,
VDD ± = ± 1.5 V,
RS = 50 Ω
25
°C
0.5
60
pA
IIO
Input offset current
Full range
150
pA
IIB
Input bias current
25
°C
1
60
pA
IIB
Input bias current
Full range
150
pA
VICR
Common mode input voltage range
|VIO| ≤ 5mV
RS =50 Ω
25
°C
0
to
2.5
–0.25
to
2.75
V
VICR
Common-mode input voltage range
|VIO| ≤ 5 mV,
RS = 50 Ω
Full range
0
to
2.2
V
IOH = – 100 µA
25
°C
2.98
VOH
High-level output voltage
IOH = 3mA
25
°C
2.5
V
IOH = – 3 mA
Full range
2.25
VIC = 1.5 V,
IOL = 100 µA
25
°C
0.02
VOL
Low-level output voltage
VIC =1 5V
IOL =3 mA
25
°C
0.83
V
VIC = 1.5 V,
IOL = 3 mA
Full range
1
V2 5 V
R2 k
Ω‡
25
°C
1.5
2.5
AVD
Large-signal differential voltage amplification
VIC = 2.5 V,
VO =1Vto2V
RL = 2 kه
Full range
1
V/mV
VD
gg
g
VO = 1 V to 2 V
RL = 1 Mه
25
°C
750
ri(d)
Differential input resistance
25
°C
1000
G
ri(c)
Common-mode input resistance
25
°C
1000
G
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
130
CMRR
Common mode rejection ratio
VIC = 0 to 2.5 V, VO = 1.5 V,
25
°C
70
83
dB
CMRR
Common-mode rejection ratio
IC
,
O
,
RS = 50 Ω
Full range
70
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 2.7 V to 8 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD/∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
dB
IDD
Supply current (per channel)
VO =1 5V
No load
25
°C
98
125
µA
IDD
Supply current (per channel)
VO = 1.5 V,
No load
Full range
125
µA
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


유사한 부품 번호 - TLV2434IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2434IPW TI-TLV2434IPW Datasheet
623Kb / 34P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLV2434IPW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com