전자부품 데이터시트 검색엔진 |
|
UC1526A 데이터시트(PDF) 6 Page - Texas Instruments |
|
UC1526A 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 12 page capacitor. The logic threshold is +1.1V at +25 °C. Noise immunity can be gained at the expense of fan-out with an external 2k pull-up resistor to +5V. Oscillators The oscillator is programmed for frequency and dead time with three components: RT, CT and RD. Two wave- forms are generated: a sawtooth waveform at pin 10 for pulse width modulation, and a logic clock at pin 12. The following procedure is recommended for choosing timing values: 1. With RD= 0 Ω (pin 11 shorted to ground) select values for RT and CT from the graph on page 4 to give the de- sired oscillator period. Remember that the frequency at each driver output is half the oscillator frequency, and the frequency at the +VC terminal is the same as the oscilla- tor frequency. 2. If more dead time is required, select a larger value of RD. At 40kHz dead time increases by 400ns/ Ω. 3. Increasing the dead time will cause the oscillator fre- quency to decrease slightly. Go back and decrease the value of RT slightly to bring the frequency back to the nominal design value. The UC1526A can be synchronized to an external logic clock by programming the oscillator to free-run at a fre- quency 10% slower than the SYNC frequency. A periodic LOW logic pulse approximately 0.5 µs wide at Error Amplifier The error amplifier is a transconductance design, with an output impedance of 2M Ω. Since all voltage gain takes place at the output pin, the open-loop gain/frequency characteristics can be controlled with shunt reactance to ground. When compensated for unity-gain stability with 100pF, the amplifier has an open-loop pole at 800Hz. The input connections to the error amplifier are deter- mined by the polarity of the switching supply output volt- age. For positive supplies, the common-mode voltage is +5.0V and the feedback connections in Figure 6A are used. With negative supplies, the common-mode voltage is ground and the feedback divider is connected between the negative output and the +5.0V reference voltage, as shown in Figure 6B. the SYNC pin will then lock the oscillator to the external frequency. Multiple devices can be synchronized together by pro- gramming one master unit for the desired frequency, and then sharing its sawtooth and clock waveforms with the slave units. All CT terminals are connected to the CT pin of the master and all SYNC terminals are likewise con- nected to the SYNC pin of the master. Slave RT termi- nals are left open or connected to VREF. Slave RD terminal may be either left open or grounded. Figure 4. Digital Control Port Schematic Figure 5. Oscillator Connections and Waveforms Figure 7. Push-Pull Configuration Figure 6. Error Amplifier Connections APPLICATIONS INFORMATION (cont.) UC1526A UC2526A UC3526A 6 |
유사한 부품 번호 - UC1526A_15 |
|
유사한 설명 - UC1526A_15 |