전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC29431D 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC29431D
상세설명  Precision Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC29431D 데이터시트(HTML) 2 Page - Texas Instruments

  UC29431D Datasheet HTML 1Page - Texas Instruments UC29431D Datasheet HTML 2Page - Texas Instruments UC29431D Datasheet HTML 3Page - Texas Instruments UC29431D Datasheet HTML 4Page - Texas Instruments UC29431D Datasheet HTML 5Page - Texas Instruments UC29431D Datasheet HTML 6Page - Texas Instruments UC29431D Datasheet HTML 7Page - Texas Instruments UC29431D Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UC19431
UC29431
UC39431
UC39431B
DIL-8, SOIC-8 (Top View)
N or J, D Package
ABSOLUTE MAXIMUM RATINGS
Supply Voltage: V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Regulated Output: V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Internal Resistors: R1, R2, R3 . . . . . . . . . . . . . . . . . . . . . . . 13V
E/A Input: SENSE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
E/A Compensation: COMP . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Sink Current: I . . . . . . . . . . . . . . . . . . . . . . . . . . . 140mA
Power Dissipation at TA ≤25°C (DIL-8) . . . . . . . . . . . . . . . . . 1W
Derate 8mW/°C for TA > 25°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C and
COLL Output = 2.4V to 36.0V for the UC19431, TA = –25°C to +85°C and COLL Output = 2.3V to 36.0V for the UC29431, and TA
= 0°C to +70°C and COLL Output = 2.3V to 36.0V for the UC39431/B, VCC = 15V, ICOLL = 10mA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage Tolerance
TA = 25°C
19431*
1.295
1.3
1.305
V
39431B
1.29
1.3
1.31
V
Reference Temperature Tolerance
VCOLL = 5.0
19431*
1.291
1.3
1.309
V
39431B
1.286
1.3
1.314
V
Reference Line Regulation
Reference Load Regulation
VCC = 2.2V to 36.0V, VCOLL = 5V
ICOLL = 10mA to 50mA, VCOLL = 5V
19431*
10
38
mV
39431B
19431*
10
10
57
38
mV
mV
39431B
10
57
mV
Sense Input Current
–0.5
–0.2
µA
Minimum Operating Current
VCC = 36.0V, VCOLL = 5V
0.50
0.80
mA
Collector Current Limit
VCOLL = VCC = 36.0V, Ref = 1.35V
130
145
mA
Collector Saturation
ICOLL = 20mA
0.7
1.1
1.5
V
Transconductance (gm)
VCC = 2.4V to 36.0V,
VCOLL = 3V, ICOLL = 20mA
19431*
–170
–140
–110
mS
39431B
–180
–140
–100
mS
5.1V Reference
Internal Divider
19431*
5.05
5.1
5.15
V
39431B
5
5.1
5.2
V
12.24V Reference
Internal Divider
19431*
12
12.24
12.5
V
39431B
12
12.24
12.5
V
Error Amplifier AVOL
60
90
dB
Error Amplifier GBW
(Note 1)
3.0
5
MHz
Transconductance Amplifier GBW
3
MHz
* Also applies to the UC29431 and UC39431
Note: The internal divider can be configured to give six unique references. These references are 2.82V, 3.12V, 5.1V, 7.8V,
10.42V, 12.24V.
Note 1: Guaranteed by design. Not 100% tested in production.
CONNECTION DIAGRAM


유사한 부품 번호 - UC29431D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC29431 TI-UC29431 Datasheet
137Kb / 7P
[Old version datasheet]   Precision Adjustable Shunt Regulator
More results

유사한 설명 - UC29431D

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com