전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C450CQ48 데이터시트(PDF) 9 Page - Exar Corporation

부품명 ST16C450CQ48
상세설명  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C450CQ48 데이터시트(HTML) 9 Page - Exar Corporation

Back Button ST16C450CQ48 Datasheet HTML 5Page - Exar Corporation ST16C450CQ48 Datasheet HTML 6Page - Exar Corporation ST16C450CQ48 Datasheet HTML 7Page - Exar Corporation ST16C450CQ48 Datasheet HTML 8Page - Exar Corporation ST16C450CQ48 Datasheet HTML 9Page - Exar Corporation ST16C450CQ48 Datasheet HTML 10Page - Exar Corporation ST16C450CQ48 Datasheet HTML 11Page - Exar Corporation ST16C450CQ48 Datasheet HTML 12Page - Exar Corporation ST16C450CQ48 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ST16C450
9
Rev. 4.20
Programmable Baud Rate Generator
The ST16C450 supports high speed modem tech-
nologies that have increased input data rates by
employing data compression schemes. For example
a 33.6Kbps modem that employs data compression
may require a 115.2Kbps input data rate. A 128.0Kbps
ISDN modem that supports data compression may
need an input data rate of 460.8Kbps. The ST16C450
can support a standard data rate of 921.6Kbps.
The programmable Baud Rate Generator is capable of
accepting an input clock up to 24 MHz, as required for
supporting a 1.5Mbps data rate. The ST16C450 can be
configured for internal or external clock operation. For
internal clock oscillator operation, an industry standard
microprocessor crystal (parallel resonant/ 22-33 pF
load) is connected externally between the XTAL1 and
XTAL2 pins, with an external 1 M
Ω resistor across it.
Table 3, BAUD RATE GENERATOR PROGRAMMING TABLE (1.8432 MHz CLOCK):
Output
User
User
DLM
DLL
Baud Rate
16 x Clock
16 x Clock
Program
Program
Divisor
Divisor
Value
Value
(Decimal)
(HEX)
(HEX)
(HEX)
50
2304
900
09
00
75
1536
600
06
00
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2k
6
06
00
06
38.4k
3
03
00
03
57.6k
2
02
00
02
115.2k
1
01
00
01
Alternatively, an external clock can be connected to the
XTAL1 pin to clock the internal baud rate generator for
standard or custom rates. See figure 3 for crystal
oscillator connection.
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The ST16C450 divides the
basic crystal or external clock by 16. The frequency of
the -BAUDOUT output pin is exactly 16X (16 times) of
the selected baud rate (-BAUDOUT =16 x Baud Rate).
Customized Baud Rates can be achieved by selecting
the proper divisor values for the MSB and LSB sections
of baud rate generator.
Programming the Baud Rate Generator Registers DLM
(MSB) and DLL (LSB) provides a user capability for
selecting the desired final baud rate. The example in
Table 3 below.


유사한 부품 번호 - ST16C450CQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

유사한 설명 - ST16C450CQ48

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com