전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3842J 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC3842J
상세설명  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842J 데이터시트(HTML) 1 Page - Texas Instruments

  UC3842J Datasheet HTML 1Page - Texas Instruments UC3842J Datasheet HTML 2Page - Texas Instruments UC3842J Datasheet HTML 3Page - Texas Instruments UC3842J Datasheet HTML 4Page - Texas Instruments UC3842J Datasheet HTML 5Page - Texas Instruments UC3842J Datasheet HTML 6Page - Texas Instruments UC3842J Datasheet HTML 7Page - Texas Instruments UC3842J Datasheet HTML 8Page - Texas Instruments UC3842J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
VIN
UC2843A
VCC
VREF
RT/CT
GND
COMP
FB
ISENSE
OUTPUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
UCx84xA Current-Mode PWM Controller
1
1 Features
1
Optimized for Off-Line and DC-DC Converters
Low Start-Up Current (< 0.5 mA)
Trimmed Oscillator Discharge Current
Automatic Feedforward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
Undervoltage Lockout With Hysteresis
Double Pulse Suppression
High-Current Totem Pole Output
Internally-Trimmed Bandgap Reference
Up to 500-kHz Operation
2 Applications
Switch Mode Power Supplies (SMPS)
DC-DC Converters
Power Modules
Industrial PSU
Battery Operated PSU
3 Description
The UCx84xA family of control ICs is a pin-for-pin
compatible improved version of the UCx84x family.
Providing the necessary features to control current-
mode or switched-mode power supplies, this family of
devices has many improved features: startup current
is less than 0.5 mA, oscillator discharge is trimmed to
8.3 mA, and during UVLO, the output stage can sink
at least 10 mA at less than 1.2 V for VCC over 5 V.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UC1842A, UC1843A,
UC1844A, UC1845A
CDIP (8)
6.67 mm × 9.60 mm
LCCC (20)
8.89 mm × 8.89 mm
UC2843A
PLCC (20)
8.96 mm × 8.96 mm
UC2842A, UC2843A,
UC2844A, UC2845A,
UC3842A, UC3843A,
UC3844A, UC3845A
PDIP (8)
6.35 mm × 9.81 mm
SOIC (8)
3.91 mm × 4.90 mm
SOIC (14)
3.91 mm × 8.65 mm
SOIC (16)
7.50 mm × 10.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


유사한 부품 번호 - UC3842J

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3842J TI-UC3842J Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3842J TI1-UC3842J Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

유사한 설명 - UC3842J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com