전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG21K 데이터시트(PDF) 3 Page - SUNMATE electronic Co., LTD

부품명 BYG21K
상세설명  FAST SILICON MESA SMD RECTIFIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYG21K 데이터시트(HTML) 3 Page - SUNMATE electronic Co., LTD

  BYG21K Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYG21K Datasheet HTML 2Page - SUNMATE electronic Co., LTD BYG21K Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
50
100
150
200
94 9350
0
0.2
0.4
0.6
0.8
IF – Forward Current ( A )
1.0
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 5. Max. Reverse Recovery Charge vs. Forward
Current
1
10
100
1000
tp – Pulse Length ( s )
94 9339
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
125K/W DC
Figure 6. Thermal Response
3 of 3
www.sunmate.tw


유사한 부품 번호 - BYG21K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21K VISHAY-BYG21K Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
More results

유사한 설명 - BYG21K

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
BYG22A SUNMATE-BYG22A Datasheet
363Kb / 2P
   SUPER FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
BYG10D SUNMATE-BYG10D Datasheet
310Kb / 2P
   SURFACE MOUNT SILICON MESA (SMD) RECTIFIER DIODE
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com