전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP007 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMP007
상세설명  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 데이터시트(HTML) 4 Page - Texas Instruments

  TMP007_16 Datasheet HTML 1Page - Texas Instruments TMP007_16 Datasheet HTML 2Page - Texas Instruments TMP007_16 Datasheet HTML 3Page - Texas Instruments TMP007_16 Datasheet HTML 4Page - Texas Instruments TMP007_16 Datasheet HTML 5Page - Texas Instruments TMP007_16 Datasheet HTML 6Page - Texas Instruments TMP007_16 Datasheet HTML 7Page - Texas Instruments TMP007_16 Datasheet HTML 8Page - Texas Instruments TMP007_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
C1
C3
C2
B1
B3
A1
A3
A2
Sensor
C
B
A
1
3
2
Columns
4
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZF Package
8-Pin DSBGA
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
ADR0
C1
Input address 0 selection pin
ADR1
B1
Input address 1 selection pin
AGND
A2
Analog ground
ALERT
C2
Alert output pin; active low, open-drain. Requires a pull-up resistor to (1.6 V to 5.5 V) supply
DGND
A1
Digital ground
SCL
B3
Input clock pin
SDA
C3
Input/output data pin; open-drain; requires pull-up resistor to (1.6 V to 5.5 V) supply
V+
A3
Supply voltage (2.5 V to 5.5 V)


유사한 부품 번호 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

유사한 설명 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com