전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP007 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TMP007
상세설명  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 데이터시트(HTML) 5 Page - Texas Instruments

  TMP007_16 Datasheet HTML 1Page - Texas Instruments TMP007_16 Datasheet HTML 2Page - Texas Instruments TMP007_16 Datasheet HTML 3Page - Texas Instruments TMP007_16 Datasheet HTML 4Page - Texas Instruments TMP007_16 Datasheet HTML 5Page - Texas Instruments TMP007_16 Datasheet HTML 6Page - Texas Instruments TMP007_16 Datasheet HTML 7Page - Texas Instruments TMP007_16 Datasheet HTML 8Page - Texas Instruments TMP007_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage rating applies to all TMP007 input voltages.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage
Supply voltage, VS
7
V
Input voltage
ADR1
VS + 0.5
V
All other pins
–0.5
+7
V
Current
Input current, any pin
10
mA
Temperature
Operating range
–40
+125
°C
Junction, TJ
125
°C
Storage, Tstg
–65
+125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
Machine model
±200
(1)
Object temperature is application dependent.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VS
2.5
3.3
5.5
V
Operating temperature range
–40
+125
°C
Die temperature, TDIE
125
°C
Object temperature, TOBJ
See note (1)
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TMP007
UNIT
YZF (DSBGA)
8 PINS
RθJA
Junction-to-ambient thermal resistance
115.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
14.3
°C/W
ψJT
Junction-to-top characterization parameter
3.8
°C/W
ψJB
Junction-to-board characterization parameter
14.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


유사한 부품 번호 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

유사한 설명 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com