전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP007 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TMP007
상세설명  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP007_16 Datasheet HTML 2Page - Texas Instruments TMP007_16 Datasheet HTML 3Page - Texas Instruments TMP007_16 Datasheet HTML 4Page - Texas Instruments TMP007_16 Datasheet HTML 5Page - Texas Instruments TMP007_16 Datasheet HTML 6Page - Texas Instruments TMP007_16 Datasheet HTML 7Page - Texas Instruments TMP007_16 Datasheet HTML 8Page - Texas Instruments TMP007_16 Datasheet HTML 9Page - Texas Instruments TMP007_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
(1)
This parameter is tested in a fully-settled setup with no transients, in front of a black body,
ε = 0.95, field of view (FOV) = 110°, with the
recommended layout , and after system calibration with a common set of coefficients loaded.
(2)
Average current over complete measurement cycle.
6.5 Electrical Characteristics
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE PERFORMANCE
Responsivity (signal)
TDIE = 0°C to 100°C, TOBJ = 0°C to 60°C
9
V/W
Sensor noise
1-s conversion, TDIE = 0°C to 60°C, TOBJ = 0°C to
60°C
300
nVrms
Noise equivalent power (NEP)
At 1
σ, TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C
32
nW
Noise equivalent temperature difference(1)(NETD)
TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C
90
mK
Noise equivalent temperature difference (NETD)
At F/1 (6
σ), TDIE = 25°C, TOBJ = 0°C to 60°C
1.4
°C
Absorber size
330 × 330
μm
REFERENCE SYSTEM PERFORMANCE(1)
Object temperature accuracy(1) (error)
TDIE = 20°C to 40°C, TOBJ = 20°C to 60°C
±1
±3
°C
TDIE = 0°C to 60°C, TOBJ = –15°C to 85°C
±2
±5
°C
TEMPERATURE MEASUREMENT
TDIE
Die temperature range
–40
+125
°C
TDIE accuracy (error)
±0.5
±1
°C
Accuracy vs supply
±0.1
±0.2
°C/V
Conversion time
0.25
Second
Temperature resolution (object and local)
0.03125
°C/LSB
Field of view (50% responsivity, full angle)
90
Degrees
DIGITAL PINS
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.4
V
Hysteresis
200
mV
VOL
Low-level output voltage, SDA
IOUT = –6 mA
0.05
0.4
V
Output ALERT logic low sink
IOUT = –6 mA
0.200
V
IIN
Input current
0 V < VIN < 5.5 V
–1
+1
µA
Input capacitance
3
pF
SMBus frequency
0.01
2.5
MHz
Timeout time
25
28
35
ms
POWER SUPPLY
V+
Operating supply range
2.5
5.5
V
POR
Power-on reset
1.9
V
Nonvolatile memory programming voltage
2.5
5.5
V
Nonvolatile memory programming current
Supply current pulse time < 3 ms
2.8
mA
IQ
Quiescent current
Serial bus inactive, continuous conversion
270
350
µA
Low power conversion, serial bus inactive, CR2 =
1, CR1 = x, CR0 = 1
85(2)
µA
Low power conversion serial bus active, CR2 = 1,
CR1 = 1, CR0 = 0
60(2)
µA
ISD
Shutdown current
Serial bus inactive
2
4
µA
Serial bus active, 400 kHz
36
µA


유사한 부품 번호 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

유사한 설명 - TMP007_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com