전자부품 데이터시트 검색엔진 |
|
TMP007AIYZFT 데이터시트(PDF) 6 Page - Texas Instruments |
|
TMP007AIYZFT 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 55 page 6 TMP007 SBOS685C – APRIL 2014 – REVISED JULY 2015 www.ti.com Product Folder Links: TMP007 Submit Documentation Feedback Copyright © 2014–2015, Texas Instruments Incorporated (1) This parameter is tested in a fully-settled setup with no transients, in front of a black body, ε = 0.95, field of view (FOV) = 110°, with the recommended layout , and after system calibration with a common set of coefficients loaded. (2) Average current over complete measurement cycle. 6.5 Electrical Characteristics at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DEVICE PERFORMANCE Responsivity (signal) TDIE = 0°C to 100°C, TOBJ = 0°C to 60°C 9 V/W Sensor noise 1-s conversion, TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C 300 nVrms Noise equivalent power (NEP) At 1 σ, TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C 32 nW Noise equivalent temperature difference(1)(NETD) TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C 90 mK Noise equivalent temperature difference (NETD) At F/1 (6 σ), TDIE = 25°C, TOBJ = 0°C to 60°C 1.4 °C Absorber size 330 × 330 μm REFERENCE SYSTEM PERFORMANCE(1) Object temperature accuracy(1) (error) TDIE = 20°C to 40°C, TOBJ = 20°C to 60°C ±1 ±3 °C TDIE = 0°C to 60°C, TOBJ = –15°C to 85°C ±2 ±5 °C TEMPERATURE MEASUREMENT TDIE Die temperature range –40 +125 °C TDIE accuracy (error) ±0.5 ±1 °C Accuracy vs supply ±0.1 ±0.2 °C/V Conversion time 0.25 Second Temperature resolution (object and local) 0.03125 °C/LSB Field of view (50% responsivity, full angle) 90 Degrees DIGITAL PINS VIH High-level input voltage 1.4 V VIL Low-level input voltage 0.4 V Hysteresis 200 mV VOL Low-level output voltage, SDA IOUT = –6 mA 0.05 0.4 V Output ALERT logic low sink IOUT = –6 mA 0.200 V IIN Input current 0 V < VIN < 5.5 V –1 +1 µA Input capacitance 3 pF SMBus frequency 0.01 2.5 MHz Timeout time 25 28 35 ms POWER SUPPLY V+ Operating supply range 2.5 5.5 V POR Power-on reset 1.9 V Nonvolatile memory programming voltage 2.5 5.5 V Nonvolatile memory programming current Supply current pulse time < 3 ms 2.8 mA IQ Quiescent current Serial bus inactive, continuous conversion 270 350 µA Low power conversion, serial bus inactive, CR2 = 1, CR1 = x, CR0 = 1 85(2) µA Low power conversion serial bus active, CR2 = 1, CR1 = 1, CR0 = 0 60(2) µA ISD Shutdown current Serial bus inactive 2 4 µA Serial bus active, 400 kHz 36 µA |
유사한 부품 번호 - TMP007AIYZFT |
|
유사한 설명 - TMP007AIYZFT |