전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP122AIDBVR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP122AIDBVR
상세설명  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122AIDBVR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TMP122AIDBVR Datasheet HTML 5Page - Texas Instruments TMP122AIDBVR Datasheet HTML 6Page - Texas Instruments TMP122AIDBVR Datasheet HTML 7Page - Texas Instruments TMP122AIDBVR Datasheet HTML 8Page - Texas Instruments TMP122AIDBVR Datasheet HTML 9Page - Texas Instruments TMP122AIDBVR Datasheet HTML 10Page - Texas Instruments TMP122AIDBVR Datasheet HTML 11Page - Texas Instruments TMP122AIDBVR Datasheet HTML 12Page - Texas Instruments TMP122AIDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TMP122, TMP124
9
SBOS272B
www.ti.com
CONVERSION TIME
R1
R0
RESOLUTION
(typical)
0
0
9 Bits (0.5
°C) plus sign
30ms
0
1
10 Bits (0.25
°C) plus sign
60ms
1
0
11 Bits (0.125
°C) plus sign
120ms
1
1
12 Bits (0.0625
°C) plus sign
240ms
TABLE XI. Resolution of the TMP122 and TMP124.
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This allows the user
to maximize efficiency by programming for higher resolution or
faster conversion time. Table XI identifies the Resolution Bits
and the relationship between resolution and conversion time.
The TMP122/TMP124 have a default resolution of 12 bits.
DELAY TIME
The Delay Bits control the amount of time delay between each
conversion. This feature allows the user to maximize power
savings by eliminating unnecessary conversions, and minimiz-
ing current consumption. During active conversion the TMP122/
TMP124 typically requires 50
µA of current for approximately
0.25s conversion time, and approximately 20
µA for idle times
between conversions. Delay settings are identified in Table XII
as conversion time and period, and are shown in Figure 9.
Default power up is D1/D0 equal 0/0. Conversion time and
conversion periods scale with resolution. Conversion period
denotes time between conversion starts.
D1
D0
CONVERSION TIME
CONVERSION PERIOD
0
0
0.25s
0.25s
0
1
0.25s
0.5s
1
0
0.25s
1s
1
1
0.25s
8s
TABLE XII. Conversion Delay for 12-Bit Resolution.
FIGURE 9. Conversion Time and Period Description.
PARAMETER
MIN
MAX
UNITS
SCK Period
t1
100
ns
Data In to Rising Edge SCK Setup Time
t2
20
ns
SCK Falling Edge to Output Data Delay
t3
30
ns
SCK Rising Edge to Input Data Hold Time
t4
20
ns
CS to Rising Edge SCK Set-Up Time
t5
40
ns
CS to Output Data Delay
t6
30
ns
CS Rising Edge to Output High Impedance
t7
30
ns
TABLE XIII. Timing Description.
0.25s
D1/D0 = 0/1
D1/D0 = 1/0
D1/D0 = 1/1
12-Bit Resolution
0.25s
1s
8s
0.25s
0.5s
50
µA (active)
20
µA (idle)
Timing Diagrams
The TMP122/TMP124 are SPI compatible. Figures 10 to 12
describe the various timing parameters of the TMP122/
TMP124 with timing definitions in Table XIII.


유사한 부품 번호 - TMP122AIDBVR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP122AIDBVR BURR-BROWN-TMP122AIDBVR Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results

유사한 설명 - TMP122AIDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com