전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP814 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMP814
상세설명  Variable Speed Single-phase Full-wave Fan Motor Predriver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814 데이터시트(HTML) 3 Page - Texas Instruments

  TMP814_15 Datasheet HTML 1Page - Texas Instruments TMP814_15 Datasheet HTML 2Page - Texas Instruments TMP814_15 Datasheet HTML 3Page - Texas Instruments TMP814_15 Datasheet HTML 4Page - Texas Instruments TMP814_15 Datasheet HTML 5Page - Texas Instruments TMP814_15 Datasheet HTML 6Page - Texas Instruments TMP814_15 Datasheet HTML 7Page - Texas Instruments TMP814_15 Datasheet HTML 8Page - Texas Instruments TMP814_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OUT2P
OUT2N
V
CC
VLIM
SENSE
RMI
VTH
CPWM
FG
RD
OUT1P
OUT1N
VOVER
SGND
6VREG
ROFF
CT
IN+
HB
IN–
TMP814
www.ti.com
SLDS151A – MAY 2009 – REVISED JUNE 2015
5 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT2P
O
Upper-side driver output
2
OUT2N
O
Lower-side driver output
Power supply. For the CM capacitor that is a power stabilization capacitor for PWM drive and for
absorption of kickback, the capacitance of 0.1
μF to 1 μF is used. In this device, the lower TR
3
VCC
performs current regeneration by switching the upper TR. Connect CM between VCC and GND,
with the thick pattern and along the shortest route. Use a zener diode if kickback causes
excessive increase of the supply voltage, because such increase may damage the device.
Activates the current limiter when SENSE voltage is greater than VLIM voltage. Connect to
4
VLIM
I
6VREG when not used.
5
SENSE
I
Sense input. Connect to GND when not used.
Minimum speed setting. Connect to 6VREG when not used. If device power can be removed
6
RMI
I
before power is removed from RMI, insert a current limiting resistor to prevent inflow of large
current.
7
VTH
I
VTH : Connect to GND if not used (Full Speed).
Connect to capacitor CP to set the PWM oscillation frequency. With CP = 100 pF, oscillation
8
CPWM
O
occurs at 25 kHz and provides the basic frequency of PWM.
Open collector output, which can detect the rotation speed using the FG output according to the
9
FG
O
phase shift. Leave open when not used.
10
RD
O
Open collector output. Outputs low during rotation and high at stop. Leave open when not used.
11
IN–
I
Hall input
12
HB
O
This is a Hall element bias, that is, the 1.5-V constant-voltage output.
Hall input. Make connecting traces as short as possible to prevent carrying of noise. To futher
limit noise, insert a capacitor between IN+ and IN–. The Hall input circuit is a comparator having
13
IN+
I
a hysteresis of 20 mV. The application should ensure that the Hall input level more than three
times (60 mVp-p) this hysteresis.
14
CT
O
Lock detection time setting. Capacitor CT is connected.
Sets the soft switching time to cut the reactive current before phase change. Connect to 6VREG
15
ROFF
I
when not used.
16
6VREG
O
6-V regulator output
17
SGND
Connected to the control circuit power supply system.
Constant-voltage bias and should be used for application of 24 V and 48 V (see Figure 7). A
18
VOVER
O
current limiting resistor should be used. Leave open when not used.
19
OUT1N
O
Lower-side driver output
20
OUT1P
O
Upper-side driver output
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP814


유사한 부품 번호 - TMP814_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
More results

유사한 설명 - TMP814_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com