전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP125AIDBVT 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP125AIDBVT
상세설명  2째C Accurate Digital Temperature Sensor with SPI Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP125AIDBVT 데이터시트(HTML) 1 Page - Texas Instruments

  TMP125AIDBVT Datasheet HTML 1Page - Texas Instruments TMP125AIDBVT Datasheet HTML 2Page - Texas Instruments TMP125AIDBVT Datasheet HTML 3Page - Texas Instruments TMP125AIDBVT Datasheet HTML 4Page - Texas Instruments TMP125AIDBVT Datasheet HTML 5Page - Texas Instruments TMP125AIDBVT Datasheet HTML 6Page - Texas Instruments TMP125AIDBVT Datasheet HTML 7Page - Texas Instruments TMP125AIDBVT Datasheet HTML 8Page - Texas Instruments TMP125AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
D DIGITAL OUTPUT: SPI-Compatible Interface
D RESOLUTION: 10-Bit, 0.25°C
D ACCURACY:
±2.0°C (max) from −25°C to +85°C
±2.5°C (max) from −40°C to +125°C
D LOW QUIESCENT CURRENT: 50µA (max)
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
D OPERATION FROM −40°C to +125°C
APPLICATIONS
D BASE STATION EQUIPMENT
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D DATA ACQUISITION SYSTEMS
D TELECOM EQUIPMENT
D OFFICE MACHINES
TMP125 RELATED PRODUCTS
FEATURES
PRODUCT
2
°C Digital Temp Sensors with Two-Wire Interface
TMP100/101
1.5
°C Digital Temp Sensors with Two-Wire Interface
TMP75/175
1.5
°C Digital Temp Sensors with SPI
TMP121/123
1.5
°C Programmable Digital Temp Sensors with SPI
TMP122/124
DESCRIPTION
The TMP125 is an SPI-compatible temperature sensor
available in the tiny SOT23-6 package. Requiring no
external
components,
the
TMP125 is capable of
measuring temperatures within 2
°C of accuracy over a
temperature range of −25
°C to +85°C and 2.5°C of
accuracy over −40
°C to +125°C. Low supply current, and
a supply range from 2.7V to 5.5V, make the TMP125 an
excellent candidate for low-power applications.
The TMP125 is ideal for extended thermal measurement
in a variety of communication, computer, consumer,
environmental,
industrial,
and
instrumentation
applications.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP125
Temperature
SI
GND
1
2
3
6
5
4
V+
SO
CS
SCK
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
2
°C Accurate Digital Temperature Sensor
with SPI
 Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a registered trademark of Motorola. All other trademarks are the property of their respective owners.


유사한 부품 번호 - TMP125AIDBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP125AIDBVT TI-TMP125AIDBVT Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125AIDBVT TI1-TMP125AIDBVT Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVTG4 TI1-TMP125AIDBVTG4 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

유사한 설명 - TMP125AIDBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com