전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ32C6414C 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SMJ32C6414C
상세설명  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SMJ32C6414C 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SMJ32C6414C Datasheet HTML 2Page - Texas Instruments SMJ32C6414C Datasheet HTML 3Page - Texas Instruments SMJ32C6414C Datasheet HTML 4Page - Texas Instruments SMJ32C6414C Datasheet HTML 5Page - Texas Instruments SMJ32C6414C Datasheet HTML 6Page - Texas Instruments SMJ32C6414C Datasheet HTML 7Page - Texas Instruments SMJ32C6414C Datasheet HTML 8Page - Texas Instruments SMJ32C6414C Datasheet HTML 9Page - Texas Instruments SMJ32C6414C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 133 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device compatibility
The C64x
 generation of devices has a diverse and powerful set of peripherals. The common peripheral set
and pin-compatibility that the C6414, C6415, and C6416 devices offer lead to easier system designs and faster
time to market. Table 2 identifies the peripherals and coprocessors that are available on the C6414, C6415, and
C6416 devices.
The C6414, C6415, and C6416 devices are pin-for-pin compatible, provided the following conditions are met:
D All devices are using the same peripherals.
The C6414 is pin-for-pin compatible with the C6415/C6416 when the PCI and UTOPIA peripherals on the
C6415/C6416 are disabled.
The C6415 is pin-for-pin compatible with the C6416 when they are in the same peripheral selection mode.
[For more information on peripheral selection, see the Device Configurations section of this data sheet.]
D The BEA[9:7] pins are properly pulled up/down.
[For more details on the device-specific BEA[9:7] pin configurations, see the Terminal Functions table of
this data sheet.]
Table 2. Peripherals and Coprocessors Available on the C6414, C6415, and C6416 Devices†‡
PERIPHERALS/COPROCESSORS
C6414
C6415
C6416
EMIFA (64-bit bus width)
EMIFB (16-bit bus width)
EDMA (64 independent channels)
HPI (32- or 16-bit user selectable)
PCI (32-bit) [Specification v2.2]
McBSPs (McBSP0, McBSP1, McBSP2)
UTOPIA (8-bit mode) [Specification v1.0]
Timers (32-bit) [TIMER0, TIMER1, TIMER2]
GPIOs (GP[15:0])
VCP/TCP Coprocessors
† — denotes peripheral/coprocessor is not available on this device.
‡ Not all peripherals pins are available at the same time. (For more details, see the Device Configuration section.)
For more detailed information on the device compatibility and similarities/differences among the C6414, C6415,
and C6416 devices, see the How To Begin Development Today With the TMS320C6414, TMS320C6415, and
TMS320C6416 DSPs application report (literature number SPRA718).


유사한 부품 번호 - SMJ32C6414C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C15 TI1-SMJ320C15 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI-SMJ320C15-25FJM Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI1-SMJ320C15-25FJM Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25FJM TI1-SMJ320C15-25FJM Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C15-25JDM TI-SMJ320C15-25JDM Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

유사한 설명 - SMJ32C6414C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com